Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9252US24IZ-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9252US24IZ-2.7
Description  Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9252US24IZ-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9252US24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9252US24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9252US24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9252US24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9252US24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X9252US24IZ-2.7 Datasheet HTML 10Page - Intersil Corporation X9252US24IZ-2.7 Datasheet HTML 11Page - Intersil Corporation X9252US24IZ-2.7 Datasheet HTML 12Page - Intersil Corporation X9252US24IZ-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
FN8167.1
September 14, 2005
Up/Down Interface Operation
The SCL, U/D, CS, DS0 and DS1 inputs control the
movement of the wiper along the resistor array. With CS set
LOW the device is selected and enabled to respond to the
U/D and SCL inputs. HIGH to LOW transitions on SCL will
increment or decrement (depending on the state of the U/D
input) a wiper counter register selected by DS0 and DS1.
The output of this counter is decoded to select one of 256
wiper positions along the resistor array.
The value of the counter is stored in nonvolatile Data
Registers DRi0 whenever CS transitions HIGH while the
SCL and WP inputs are HIGH. “i” indicates the DCP number
selected with pins DS1 and DS0. During a “Store” operation
bits DRSel1 and DRSel0 in the Status Register must be both
“0”, which is their power up default value. Other
combinations are reserved and must not be used.
The system may select the X9252, move the wiper, and
deselect the device without having to store the latest wiper
position in nonvolatile memory. After the wiper movement is
performed as described above and once the new position is
reached, the system must keep SCL LOW while taking CS
HIGH. The new wiper position will be maintained until
changed by the system or until a power-down/up cycle
recalled the previously stored data.
This procedure allows the system to always power-up to a
preset value stored in nonvolatile memory; then during
system operation minor adjustments could be made. The
adjustments might be based on user preference, system
parameter changes due to temperate drift, etc.
The state of U/D may be changed while CS remains LOW.
This allows the host system to enable the device and then
move the wiper up and down until the proper trim is attained.
The 2-wire interface is disabled while CS remains LOW.
Mode Selection for Up/Down Control
2-Wire Serial Interface
Protocol Overview
The device supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the
bus as a transmitter, and the receiving device as the
receiver. The device controlling the transfer is called the
master and the device being controlled is called the slave.
The master always initiates data transfers, and provides the
clock for both transmit and receive operations. The X9252
operates as a slave in all applications.
All 2-wire interface operations must begin with a START,
followed by a Slave Address byte. The Slave Address
selects the X9252, and specifies if a Read or Write operation
is to be performed.
All Communication over the 2-wire interface is conducted by
sending the MSB of each byte of data first.
Serial Clock and Data
Data states on the SDA line can change only while SCL is
LOW. SDA state changes while SCL is HIGH are reserved
for indicating START and STOP conditions (See Figure 2).
On power up of the X9252, the SDA pin is in the input mode.
Serial Start Condition
All commands are preceded by the START condition, which
is a HIGH to LOW transition of SDA while SCL is HIGH. The
device continuously monitors the SDA and SCL lines for the
START condition and does not respond to any command
until this condition has been met (See Figure 2).
Serial Stop Condition
All communications must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA while
SCL is HIGH. The STOP condition is also used to place the
device into the Standby power mode after a read sequence.
A STOP condition can only be issued after the transmitting
device has released the bus (See Figure 2).
TABLE 1. DCP SELECTION FOR UP/DOWN CONTROL
DS1
DS0
SELECTED DCP
00
DCP0
01
DCP1
10
DCP2
11
DCP3
CS
SCL
U/D
MODE
L
H
Wiper Up
L
L
Wiper Down
H
X
Store Wiper Position to nonvolatile
memory if WP pin is high. No store,
return to standby, if WP pin is low.
H
X
X
Standby
L
X
No Store, Return to Standby
L
H
Wiper Up (not recommended)
L
L
Wiper Down
(not recommended)
X9252


Similar Part No. - X9252US24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9252UV24-2.7 XICOR-X9252UV24-2.7 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
X9252UV24I-2.7 XICOR-X9252UV24I-2.7 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
More results

Similar Description - X9252US24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
logo
Maxim Integrated Produc...
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
logo
Intersil Corporation
X9259US24Z INTERSIL-X9259US24Z Datasheet
431Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
logo
Renesas Technology Corp
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com