Electronic Components Datasheet Search |
|
X9258TV24I Datasheet(PDF) 11 Page - Intersil Corporation |
|
X9258TV24I Datasheet(HTML) 11 Page - Intersil Corporation |
11 / 20 page 11 FN8168.1 May 6, 2005 ABSOLUTE MAXIMUM RATINGS Temperature under bias..................... -65 °C to +135°C Storage temperature ......................... -65 °C to +150°C Voltage on SDA, SCL or any address input with respect to VSS ................................. -1V to +7V Voltage on V+ (referenced to VSS) ........................ 10V Voltage on V- (referenced to VSS) ........................-10V (V+) - (V-)............................................................... 12V Any VH/RH...............................................................V+ Any VL/RL................................................................. V- Lead temperature (soldering, 10 seconds) ........ 300 °C IW (10 seconds)................................................±15mA COMMENT Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.) Symbol Parameter Limits Test Conditions Min. Typ. Max. Unit End to end resistance tolerance ±20 % Power rating 50 mW 25°C, each pot IW Wiper current ±7.5 mA Wiper current = ± 1mA RW Wiper resistance 150 250 Ω IW = ± 1mA @ V+ = 3V, V- = -3V RW Wiper resistance 40 100 Ω IW = ± 1mA @ V+ = 5V, V- = -5V V+ Voltage on V+ Pin X9258 +4.5 +5.5 V X9258-2.7 +2.7 +5.5 V- Voltage on V- Pin X9258 -5.5 -4.5 V X9258 -2.7 -5.5 -2.7 VTERM Voltage on any VH/RH or VL/RL pin V- V+ V Noise -120 dBV Ref: 1kHz Resolution (4) 0.6 % Absolute linearity (1) ±1 MI(3) Vw(n)(actual) - Vw(n)(expected) Relative linearity (2) ±0.6 MI(3) Vw(n + 1) - [Vw(n) + MI] Temperature coefficient of RTOTAL ±300 ppm/ °C Ratiometric Temperature Coefficient ±20 ppm/°C CH/CL/CW Potentiometer Capacitance 10/10/25 pF See Circuit #3 RECOMMENDED OPERATING CONDITIONS Temp Min. Max. Commercial 0 °C+70°C Industrial -40 °C+85°C Device Supply Voltage (VCC) Limits X9258 5V ± 10% X9258-2.7 2.7V to 5.5V X9258 |
Similar Part No. - X9258TV24I |
|
Similar Description - X9258TV24I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |