Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH7003B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CH7003B
Description  Digital PC to TV Encoder
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CH7003B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CH7003B Datasheet HTML 1Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 2Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 3Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 4Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 5Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 6Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 7Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 8Page - List of Unclassifed Manufacturers CH7003B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
CHRONTEL
CH7003B
4
201-0000-023 Rev.4.1, 8/2/99
Table 1. Pin Description
44-Pin
PLLC
44-Pin
TQFP
Type
Symbol
Description
21-15,
13-12,
10-4
15,14,
13,12,
11,10,
9,7,6,4,
3,2,
1,44,43,
42
In
D15-D0
Digital Pixel Inputs
These pins accept digital pixel data streams with either 8, 12, or 16-bit
multiplexed or 16-bit non-multiplexed formats, determined by the input
mode setting (see Registers and Programming section). Inputs D0 - D7 are
used when operating in 8-bit multiplexed mode. Inputs D0 - D11 are used
when operating in 12-bit mode. Inputs D0 - D15 are used when operating
in 16-bit mode. The data structure and timing sequence for each mode is
described in the section on Digital Video Interface.
43
37
Out
P-OUT
Pixel Clock Output
The CH7003, operating in master mode, provides a pixel data clocking
signal to the VGA controller. This pin provides the pixel clock output signal
(adjustable as 1X, 2X or 3X) to the VGA controller (see the section on
Digital Video Interface and Registers and Programming for more details).
The capacitive loading on this pin should be kept to a minimum.
1
39
In
XCLK
Pixel Clock Input
To operate in a pure master mode, the P-OUT signal should be connected
to the XCLK input pin. To operate in a pseudo-master mode, the P-OUT
clock is used as a reference frequency, and a signal locked to this output (at
1X, 1/2X, or 1/3X the P-OUT frequency) is input to the XCLK pin. To operate
in slave mode, the CH7003 accepts an external pixel clock input at this pin.
The capacitive loading on this pin should be kept to a minimum.
3
41
In/Out
V
Vertical Sync Input/Output
This pin accepts the vertical sync signal from the VGA controller, or outputs
a vertical sync to the VGA controller. The capacitive loading on this pin
should kept to a minimum.
2
40
In/Out
H
Horizontal Sync Input/Output
This pin accepts the horizontal sync from the VGA controller, or outputs a
horizontal sync to the VGA controller. The capacitive loading on this pin
should be kept to a minimum.
41
35
Out
BCO
Buffered Clock Output
This pin provides a buffered output of the 14.31818 MHz crystal input
frequency for other devices and remains active at all times (including
power-down). The output can also be selected to be other frequencies (see
Registers and Programming).
38
32
In
XI
Crystal Input
A parallel resonance 14.31818 MHz (± 50 ppm) crystal should be attached
between XI and XO/FIN. However, if an external CMOS clock is attached to
XO/FIN, XI should be connected to ground.
39
33
In
XO/FIN
Crystal Output or External Fref
A 14.31818 MHz (± 50 ppm) crystal may be attached between XO/FIN and
XI. An external CMOS compatible clock can be connected to XO/FIN as an
alternative.
30
24
In
RSET
Reference Resistor
A 360
Ω resistor with short and wide traces should be attached between
RSET and ground. No other connections should be made to this pin.
28
22
Out
Y/R
Luminance Output
A 75
Ω termination resistor with short traces should be attached between Y
and ground for optimum performance.
In normal operating modes other
than SCART, this pin outputs the luma video signal. In SCART mode, this
pin outputs the red signal.
27
21
Out
C/G
Chrominance Output
A 75
Ω termination resistor with short traces should be attached between C
and ground for optimum performance.
In normal operating modes other
than SCART, this pin outputs the chroma video signal. In SCART mode,
this pin outputs the green signal.


Similar Part No. - CH7003B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7001C ETC-CH7001C Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
CH7001C-V ETC-CH7001C-V Datasheet
108Kb / 18P
   VGA to NTSC/PAL Encoder
CH7002D ETC-CH7002D Datasheet
199Kb / 36P
   Scalable VGA to NTSC/PAL Encoder
CH7002D-V ETC-CH7002D-V Datasheet
199Kb / 36P
   Scalable VGA to NTSC/PAL Encoder
CH7004C ETC1-CH7004C Datasheet
336Kb / 51P
   Digital PC to TV Encoder with Macrovision
More results

Similar Description - CH7003B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH7013A ETC1-CH7013A Datasheet
249Kb / 46P
   Digital PC to TV Encoder
CH7013B ETC1-CH7013B Datasheet
1,004Kb / 46P
   Digital PC to TV Encoder
CH7008A ETC-CH7008A Datasheet
341Kb / 49P
   Digital PC to TV Encoder Features
CH7006C ETC-CH7006C Datasheet
338Kb / 49P
   Digital PC to TV Encoder Features
CH1005C ETC-CH1005C Datasheet
338Kb / 49P
   Digital PC to TV Encoder with Macrovision
CH7004C ETC1-CH7004C Datasheet
336Kb / 51P
   Digital PC to TV Encoder with Macrovision
CH7007A ETC-CH7007A Datasheet
278Kb / 49P
   DIGITAL PC TO TV ENCODER WITH MACROVISION
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Rohm
BH7236AF ROHM-BH7236AF_1 Datasheet
269Kb / 6P
   Color TV signal encoder
BA7232FS ROHM-BA7232FS Datasheet
74Kb / 6P
   Color TV Signal Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com