Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9259US24Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9259US24Z
Description  Single Supply/Low Power/256-Tap/2-Wire bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259US24Z Datasheet(HTML) 3 Page - Intersil Corporation

  X9259US24Z Datasheet HTML 1Page - Intersil Corporation X9259US24Z Datasheet HTML 2Page - Intersil Corporation X9259US24Z Datasheet HTML 3Page - Intersil Corporation X9259US24Z Datasheet HTML 4Page - Intersil Corporation X9259US24Z Datasheet HTML 5Page - Intersil Corporation X9259US24Z Datasheet HTML 6Page - Intersil Corporation X9259US24Z Datasheet HTML 7Page - Intersil Corporation X9259US24Z Datasheet HTML 8Page - Intersil Corporation X9259US24Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
FN8169.2
September 16, 2005
Circuit Level Applications
• Vary the gain of a voltage amplifier
• Provide programmable dc reference voltages for
comparators and detectors
• Control the volume in audio circuits
• Trim out the offset voltage error in a voltage amplifier
circuit
• Set the output voltage of a voltage regulator
• Trim the resistance in Wheatstone bridge circuits
• Control the gain, characteristic frequency and
Q-factor in filter circuits
• Set the scale factor and zero point in sensor signal
conditioning circuits
• Vary the frequency and duty cycle of timer ICs
• Vary the dc biasing of a pin diode attenuator in RF circuits
• Provide a control variable (I, V, or R) in feedback
circuits
System Level Applications
• Adjust the contrast in LCD displays
• Control the power level of LED transmitters in
communication systems
• Set and regulate the DC biasing point in an RF power
amplifier in wireless systems
• Control the gain in audio and home entertainment systems
• Provide the variable DC bias for tuners in RF wireless
systems
• Set the operating points in temperature control
systems
• Control the operating point for sensors in industrial
systems
• Trim offset and gain errors in artificial intelligent
systems
Pin Configuration
Pin Assignments
PIN
(SOIC/
TSSOP) SYMBOL
FUNCTION
2
A0
Device Address for 2-Wire bus. (See Note 1)
3RW3
Wiper Terminal of DCP3
4RH3
High Terminal of DCP3
5RL3
Low Terminal of DCP3
6
NC1
Must be left unconnected
7VCC
System Supply Voltage
8RL0
Low Terminal of DCP0
9RH0
High Terminal of DCP0
10
RW0
Wiper Terminal of DCP0
11
A2
Device Address for 2-Wire bus. (See Note 1)
12
WP
Hardware Write Protect – Active Low
13
SDA
Serial Data Input/Output for 2-Wire bus.
14
A1
Device Address for 2-Wire bus. (See Note 1)
15
RL1
Low Terminal of DCP1
16
RH1
High Terminal of DCP1
17
RW1
Wiper Terminal of DCP1
18
VSS
System Ground
20
RW2
WiperTerminal of DCP2
21
RH2
High Terminal of DCP2
22
RL2
Low Terminal of DCP2
23
SCL
Serial Clock for 2-Wire bus.
24
A3
Device Address for 2-Wire bus. (See Note 1)
6, 19
NC
No Connect
1
DNC
Do Not Connect
Note 1: A0-A3 Device address pins must be tied to a logic level.
DNC
A0
RW3
NC
VCC
RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
A3
SCL
RL2
RH2
RW2
NC
VSS
RW1
RH1
RL1
SOIC/TSSOP
X9259
RH3
14
13
11
12
RL3
RH0
RW0
A2
A1
SDA
WP
X9259


Similar Part No. - X9259US24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259US24Z INTERSIL-X9259US24Z Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9259US24Z INTERSIL-X9259US24Z Datasheet
431Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
logo
Renesas Technology Corp
X9259US24Z RENESAS-X9259US24Z Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9259US24Z-2.7 INTERSIL-X9259US24Z-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9259US24Z-2.7 INTERSIL-X9259US24Z-2.7 Datasheet
431Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
December 12, 2014
More results

Similar Description - X9259US24Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com