Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1403CRN-Q6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM1403CRN-Q6F
Description  3V FIPS-140 Security Supervisor with Battery Switchover
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403CRN-Q6F Datasheet(HTML) 7 Page - STMicroelectronics

  STM1403CRN-Q6F Datasheet HTML 1Page - STMicroelectronics STM1403CRN-Q6F Datasheet HTML 2Page - STMicroelectronics STM1403CRN-Q6F Datasheet HTML 3Page - STMicroelectronics STM1403CRN-Q6F Datasheet HTML 4Page - STMicroelectronics STM1403CRN-Q6F Datasheet HTML 5Page - STMicroelectronics STM1403CRN-Q6F Datasheet HTML 6Page - STMicroelectronics STM1403CRN-Q6F Datasheet HTML 7Page - STMicroelectronics STM1403CRN-Q6F Datasheet HTML 8Page - STMicroelectronics STM1403CRN-Q6F Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
STM1403
Figure 5. Topside Marking Information
Note: 1. Options codes:
X = A, B, or C (for VOUT)
X = T, S, or R (for Reset Threshold)
X = M, N, or O (for Battery Low Voltage Detect Threshold)
2. Traceability Codes
Y = Year
WW = Work Week
03
XXX(1)
YWW(2)
AI11878


Similar Part No. - STM1403CRN-Q6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403CRNQ6F STMICROELECTRONICS-STM1403CRNQ6F Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
More results

Similar Description - STM1403CRN-Q6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
logo
Mixed Signal Integratio...
MSFIPS MSI-MSFIPS Datasheet
97Kb / 8P
   FIPS-140 Level 4 Security Supervisor
logo
STMicroelectronics
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com