Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5329S8IZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # X5329S8IZ
Description  CPU Supervisor with 32Kbit SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5329S8IZ Datasheet(HTML) 1 Page - Intersil Corporation

  X5329S8IZ Datasheet HTML 1Page - Intersil Corporation X5329S8IZ Datasheet HTML 2Page - Intersil Corporation X5329S8IZ Datasheet HTML 3Page - Intersil Corporation X5329S8IZ Datasheet HTML 4Page - Intersil Corporation X5329S8IZ Datasheet HTML 5Page - Intersil Corporation X5329S8IZ Datasheet HTML 6Page - Intersil Corporation X5329S8IZ Datasheet HTML 7Page - Intersil Corporation X5329S8IZ Datasheet HTML 8Page - Intersil Corporation X5329S8IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
®
FN8132.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X5328, X5329
(Replaces X25328, X25329)
CPU Supervisor with 32Kbit SPI EEPROM
FEATURES
•Low VCC detection and reset assertion
—Five standard reset threshold voltages
—Re-program low VCC reset threshold voltage
using special programming sequence
—Reset signal valid to VCC = 1V
• Long battery life with low power consumption
—<1µA max standby current
—<400µA max active current during read
• 32Kbits of EEPROM
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Protect 0, 1/4, 1/2 or all of EEPROM array with
Block Lockprotection
—In circuit programmable ROM mode
• 2MHz SPI interface modes (0,0 & 1,1)
• Minimize EEPROM programming time
—32-byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• 2.7V to 5.5V and 4.5V to 5.5V power supply
operation
• Available packages
—14 Ld TSSOP, 8 Ld SOIC, 8 Ld PDIP
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
These devices combine three popular functions, Power-
on Reset Control, Supply Voltage Supervision, and Block
Lock Protect Serial EEPROM Memory in one package.
This combination lowers system cost, reduces board
space requirements, and increases reliability.
Applying power to the device activates the power-on
reset circuit which holds RESET/RESET active for a
period of time. This allows the power supply and oscilla-
tor to stabilize before the processor can execute code.
The device’s low VCC detection circuitry protects the
user’s system from low voltage conditions by holding
RESET/RESET active when VCC falls below a mini-
mum VCC trip point. RESET/RESET remains asserted
until VCC returns to proper operating level and stabi-
lizes. Five industry standard VTRIP thresholds are
available, however, Intersil’s unique circuits allow the
threshold to be reprogrammed to meet custom
requirements or to fine-tune the threshold in applica-
tions requiring higher precision.
BLOCK DIAGRAM
Data
Register
Command
Decode &
Control
Logic
SI
SO
SCK
CS
VCC
Reset
Timebase
Power-on and
Generation
VTRIP
+
-
RESET/RESET
Reset
Low Voltage
Status
Register
Protect Logic
8Kbits
8Kbits
16Kbits
WP
X5328 = RESET
X5329 = RESET
Data Sheet
October 17, 2005


Similar Part No. - X5329S8IZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X5329S8IZ RENESAS-X5329S8IZ Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5329S8IZ-2.7T1 RENESAS-X5329S8IZ-2.7T1 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5329S8IZ-4.5A RENESAS-X5329S8IZ-4.5A Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5329S8IZT1 RENESAS-X5329S8IZT1 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
More results

Similar Description - X5329S8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
logo
Renesas Technology Corp
X5323 RENESAS-X5323 Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
X5328 RENESAS-X5328 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com