Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9312WP Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9312WP
Description  Terminal Voltage 0V to 15V, 100 Taps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9312WP Datasheet(HTML) 9 Page - Intersil Corporation

  X9312WP Datasheet HTML 1Page - Intersil Corporation X9312WP Datasheet HTML 2Page - Intersil Corporation X9312WP Datasheet HTML 3Page - Intersil Corporation X9312WP Datasheet HTML 4Page - Intersil Corporation X9312WP Datasheet HTML 5Page - Intersil Corporation X9312WP Datasheet HTML 6Page - Intersil Corporation X9312WP Datasheet HTML 7Page - Intersil Corporation X9312WP Datasheet HTML 8Page - Intersil Corporation X9312WP Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8176.0
March 15, 2005
ORDERING INFORMATION
Physical Characteristics
Marking Includes
Manufacturer’s Trademark
Resistance Value or Code
Date Code
Temperature Range
Blank = Commercial = 0
°C to +70°C
I = Industrial = -40
°C to +85°C
Package
P = 8-Lead Plastic DIP
S = 8-Lead SOIC
End to End Resistance
W =
10k
X9312X
X
X
X9312


Similar Part No. - X9312WP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9312WP XICOR-X9312WP Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9312WPI XICOR-X9312WPI Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9312WPM XICOR-X9312WPM Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
More results

Similar Description - X9312WP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
   Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Renesas Technology Corp
ISL95311 RENESAS-ISL95311 Datasheet
588Kb / 12P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
ISL95310 RENESAS-ISL95310 Datasheet
474Kb / 9P
   Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
logo
KIA Semiconductor Techn...
78L15 KIA-78L15 Datasheet
61Kb / 6P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS 15V
logo
Intersil Corporation
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
logo
Renesas Technology Corp
X9C303 RENESAS-X9C303 Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
logo
NTE Electronics
NTE1916 NTE-NTE1916 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 15V, 1.5A
NTE1918 NTE-NTE1918 Datasheet
25Kb / 2P
   3 Terminal Positive Voltage Regulator 15V, 3A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com