Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9279UV14Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9279UV14Z
Description  Single Supply/Low Power/256-Tap/2-Wire Bus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9279UV14Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9279UV14Z Datasheet HTML 3Page - Intersil Corporation X9279UV14Z Datasheet HTML 4Page - Intersil Corporation X9279UV14Z Datasheet HTML 5Page - Intersil Corporation X9279UV14Z Datasheet HTML 6Page - Intersil Corporation X9279UV14Z Datasheet HTML 7Page - Intersil Corporation X9279UV14Z Datasheet HTML 8Page - Intersil Corporation X9279UV14Z Datasheet HTML 9Page - Intersil Corporation X9279UV14Z Datasheet HTML 10Page - Intersil Corporation X9279UV14Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
FN8175.2
September 27, 2005
Acknowledge Polling
The disabling of the inputs, during the internal
nonvolatile write operation, can be used to take
advantage of the typical 5ms EEPROM write cycle
time. Once the stop condition is issued to indicate the
end of the nonvolatile write command the X9279
initiates the internal write cycle. ACK polling, Flow 1,
can be initiated immediately. This involves issuing the
start condition followed by the device slave address. If
the X9279 is still busy with the write operation no ACK
will be returned. If the X9279 has completed the write
operation an ACK will be returned and the master can
then proceed with the next operation.
FLOW 1: ACK Polling Sequence
INSTRUCTION AND REGISTER DESCRIPTION
Device Addressing: Identification Byte ( ID and A)
The first byte sent to the X9279 from the host,
following a CS going HIGH to LOW, is called the
Identification byte. The most significant four bits of the
slave address are a device type identifier. The ID[3:0]
bits is the device ID for the X9279; this is fixed as
0101[B] (refer to Table 1).
The A[2:0] bits in the ID byte is the internal slave
address. The physical device address is defined by
the state of the A2 - A0 input pins. The slave address
is externally specified by the user. The X9279
compares the serial data stream with the address
input state; a successful compare of both address bits
is required for the X9279 to successfully continue the
command sequence. Only the device which slave
address matches the incoming device address sent by
the master executes the instruction. The A2 - A0
inputs can be actively driven by CMOS input signals or
tied to VCC or VSS.
Instruction Byte (I)
The next byte sent to the X9279 contains the
instruction and register pointer information. The three
most significant bits are used provide the instruction
opcode I [2:0]. The RB and RA bits point to one of the
four Data Registers. P0 is the POT selection; since the
X9279 is single POT, the P0 = 0. The format is shown
in Table 2.
Register Bank Selection (RB, RA, P1, P0)
There are 16 registers organized into four banks. Bank
0 is the default bank of registers. Only Bank 0 registers
can be used for Data Register to Wiper Counter
Register operations.
Banks 1, 2, and 3 are additional banks of registers (12
total) that can be used for 2-Wire write and read
operations. The Data Registers in Banks 1, 2, and 3
cannot be used for direct read/write operations
between the Wiper Counter Register.
Nonvolatile Write
Command Completed
EnterACK Polling
Issue
START
Issue Slave
Address
ACK
Returned?
Further
Operation?
Issue
Instruction
Issue STOP
No
Yes
Yes
Proceed
Issue STOP
No
Proceed
X9279


Similar Part No. - X9279UV14Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9279UV14Z RENESAS-X9279UV14Z Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
X9279UV14Z-2.7 RENESAS-X9279UV14Z-2.7 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
More results

Similar Description - X9279UV14Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com