Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9314WMZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9314WMZ
Description  Terminal Voltage -5V, 32 Taps, Log Taper
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9314WMZ Datasheet(HTML) 8 Page - Intersil Corporation

  X9314WMZ Datasheet HTML 1Page - Intersil Corporation X9314WMZ Datasheet HTML 2Page - Intersil Corporation X9314WMZ Datasheet HTML 3Page - Intersil Corporation X9314WMZ Datasheet HTML 4Page - Intersil Corporation X9314WMZ Datasheet HTML 5Page - Intersil Corporation X9314WMZ Datasheet HTML 6Page - Intersil Corporation X9314WMZ Datasheet HTML 7Page - Intersil Corporation X9314WMZ Datasheet HTML 8Page - Intersil Corporation X9314WMZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN8178.1
September 15, 2005
Packaging Information
0.118 ± 0.002
(3.00 ± 0.05)
0.040 ± 0.002
(1.02 ± 0.05)
0.150 (3.81)
Ref.
0.193 (4.90)
0.030 (0.76)
0.036 (0.91)
0.032 (0.81)
0.007 (0.18)
0.005 (0.13)
0.008 (0.20)
0.004 (0.10)
0.0216 (0.55)
7° Typ.
R 0.014 (0.36)
0.118 ± 0.002
(3.00 ± 0.05)
0.012 + 0.006 / -0.002
(0.30 + 0.15 / -0.05)
0.0256 (0.65) Typ.
8-Lead Miniature Small Outline Gull Wing Package Type M
NOTE:
1. ALL DIMENSIONS IN INCHES AND (MILLIMETERS)
0.220"
0.0256" Typical
0.025"
Typical
0.020"
Typical
8 Places
FOOTPRINT
Ref.
X9314


Similar Part No. - X9314WMZ

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314WM XICOR-X9314WM Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9314WM3 XICOR-X9314WM3 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9314WMI XICOR-X9314WMI Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9314WMI INTERSIL-X9314WMI Datasheet
216Kb / 9P
   Single Digitally Controlled Potentiometer
X9314WMI-3 INTERSIL-X9314WMI-3 Datasheet
216Kb / 9P
   Single Digitally Controlled Potentiometer
More results

Similar Description - X9314WMZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
logo
Renesas Technology Corp
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
   Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
X9C303 RENESAS-X9C303 Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Maxim Integrated Produc...
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
logo
Intersil Corporation
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
ISL23710 INTERSIL-ISL23710 Datasheet
232Kb / 8P
   Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface
ISL95710 INTERSIL-ISL95710 Datasheet
238Kb / 8P
   Terminal Voltage 3V or 5V, 128 Taps Up/Down Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com