Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33465N-20ATR Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC33465N-20ATR
Description  Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33465N-20ATR Datasheet(HTML) 4 Page - ON Semiconductor

  MC33465N-20ATR Datasheet HTML 1Page - ON Semiconductor MC33465N-20ATR Datasheet HTML 2Page - ON Semiconductor MC33465N-20ATR Datasheet HTML 3Page - ON Semiconductor MC33465N-20ATR Datasheet HTML 4Page - ON Semiconductor MC33465N-20ATR Datasheet HTML 5Page - ON Semiconductor MC33465N-20ATR Datasheet HTML 6Page - ON Semiconductor MC33465N-20ATR Datasheet HTML 7Page - ON Semiconductor MC33465N-20ATR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC33465
http://onsemi.com
4
Vin, INPUT VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
0
4.0
–40
3.0
0
7.0
0
12
0
8.0
0
16
TA, AMBIENT TEMPERATURE (°C)
Vin, INPUT VOLTAGE (V)
Figure 1. Reset Low State Sink Current versus
Output Voltage
VOL, LOW STATE OUTPUT VOLTAGE (V)
Figure 2. Output Voltage versus Input Voltage
MC33465N–45ATR
TA = 20°C
Figure 3. Input Current versus Input Voltage
Figure 4. Comparator Input Threshold Voltage
versus Temperature
Figure 5. Reset Output Sink Current
versus Input Voltage
Figure 6. Reset Output Source Current
versus Input Voltage
3.5
2.9
6.0
6.0
14
2.5
2.8
4.0
10
4.0
10
1.5
2.7
2.0
6.0
2.0
6.0
0
2.6
0
2.0
0
0
0
0.5
1.0
1.5
2.0
2.5
3.0
1.0
2.0
3.0
4.0
6.0
–20
2.0
2.0
0
4.0
20
6.0
4.0
40
2.0
8.0
8.0
12
80
3.0
10
TA = 25°C
TA = –30°C
TA = 80°C
MC33465N–45ATR
2.0
5.0
0.5
6.0
10
25
°C
–30
°C
80
°C
TA = –30°C
25
°C
80
°C
TA = 25°C
TA = –30°C
TA = 80°C
30
°C
80
°C, 20°C
MC33465N–45ATR
470 k
Ω Pull–up
MC33465N–27ATR
VIL + VH
VIL
MC33465N–27ATR
VOL = 0.5 V
MC33465N–27CTR
Vin – VO = 2.1 V
Vin – VO = 1.5 V
Vin – VO = 1.0 V
Vin – VO = 0.5 V
2.85
5.0
5.0
12
2.75
3.0
3.0
8.0
2.65
1.0
1.0
4.0
3.0
2.0
8.0
1.0
4.0
7.0
1.5
2.5
0.5
1.0
60
VH
Vin = 2.5 V
2.0 V
1.5 V


Similar Part No. - MC33465N-20ATR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
MC33460 ONSEMI-MC33460 Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-09ATR ONSEMI-MC33460SQ-09ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
MC33460SQ-20ATR ONSEMI-MC33460SQ-20ATR Datasheet
256Kb / 12P
   Under Voltage Detector Series
November, 1999 ??Rev. 2
More results

Similar Description - MC33465N-20ATR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8365 NSC-LM8365 Datasheet
264Kb / 9P
   Micropower Undervoltage Sensing Circuits with Programmable Output Delay
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
   MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
   Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
   Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
   Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
[Old version datasheet]   Micropower Undervoltage Sensing Circuits
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
   UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com