Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9251UV24I-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9251UV24I-2.7
Description  Single Supply/Low Power/256-Tap/SPI Bus
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251UV24I-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9251UV24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9251UV24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9251UV24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9251UV24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9251UV24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9251UV24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9251UV24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9251UV24I-2.7 Datasheet HTML 10Page - Intersil Corporation X9251UV24I-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
FN8166.2
September 14, 2005
Data Register Selection
#: 0, 1, 2, or 3
Table 5. Instruction Set
Note:
1/0 = data is one or zero
Register
RB
RA
DR#0
0
0
DR#1
0
1
DR#2
1
0
DR#3
1
1
Instruction
Instruction Set
Operation
I3
I2
I1
I0
RB
RA
P1
P0
Read Wiper Counter
Register
1
0
0
1
0
0
1/0
1/0
Read the contents of the Wiper Counter
Register pointed to by P1 - P0
Write Wiper Counter
Register
1
0
1
0
0
0
1/0
1/0
Write new value to the Wiper Counter
Register pointed to by P1 - P0
Read Data Register
1
0
1
1
1/0
1/0
1/0
1/0
Read the contents of the Data Register
pointed to by P1 - P0 and RB - RA
Write Data Register
1
1
0
0
1/0
1/0
1/0
1/0
Write new value to the Data Register
pointed to by P1 - P0 and RB - RA
XFR Data Register to
Wiper Counter Register
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Data Register
pointed to by P1 - P0 and RB - RA to its
associated Wiper Counter Register
XFR Wiper Counter
Register to Data Register
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the Wiper Counter
Register pointed to by P1 - P0 to the Data
Register pointed to by RB - RA
Global XFR Data Registers
to Wiper Counter Registers
0
0
0
1
1/0
1/0
0
0
Transfer the contents of the Data Registers
pointed to by RB - RA of all four pots to their
respective Wiper Counter Registers
Global XFR Wiper Counter
Registers to Data Register
1
0
0
0
1/0
1/0
0
0
Transfer the contents of both Wiper Counter
Registers to their respective data Registers
pointed to by RB - RA of all four pots
Increment/Decrement
Wiper Counter Register
0
0
1
0
0
0
1/0
1/0
Enable Increment/decrement of the Control
Latch pointed to by P1 - P0
X9251


Similar Part No. - X9251UV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9251UV24I-2.7 XICOR-X9251UV24I-2.7 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251UV24I-2.7 INTERSIL-X9251UV24I-2.7 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9251UV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9260 INTERSIL-X9260 Datasheet
407Kb / 25P
   Dual Supply/Low Power/256-Tap/SPI bus
logo
Renesas Technology Corp
X9260 RENESAS-X9260 Datasheet
434Kb / 23P
   Dual Supply/Low Power/256-Tap/SPI bus
August 29, 2006
logo
Intersil Corporation
X9251US24Z INTERSIL-X9251US24Z Datasheet
438Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
December 3, 2014
logo
Renesas Technology Corp
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9111 INTERSIL-X9111 Datasheet
359Kb / 18P
   Single Supply/Low Power/1024-Tap/SPI Bus
X9259 INTERSIL-X9259 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com