Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9259TV24Z-2.7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9259TV24Z-2.7
Description  Single Supply/Low Power/256-Tap/2-Wire bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259TV24Z-2.7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9259TV24Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9259TV24Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9259TV24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9259TV24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9259TV24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9259TV24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9259TV24Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9259TV24Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9259TV24Z-2.7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
FN8169.2
September 16, 2005
TABLE 3. IDENTIFICATION BYTE FORMAT
TABLE 4. INSTRUCTION BYTE FORMAT
Note:
1/0 = data is one or zero
ID3
ID2
ID1
ID0
A3
A2
A1
A0
0
1
0
1
Logic value of pins A3, A2, A1, and A0
(MSB)
(LSB)
Device Type
Identifier
Slave Address
I3
I2
I1
I0
RB
RA
P1
P0
(MSB)
(LSB)
Instruction
Register
DCP Selection
Opcode
Selection
(WCR Selection)
TABLE 5. INSTRUCTION SET
INSTRUCTION
INSTRUCTION SET
OPERATION
I3
I2
I1
I0
RB
RA
P1
P0
Read Wiper Counter
Register
1
0
0
1
0
0
1/0
1/0
Read the contents of the Wiper Counter Register
pointed to by P1 - P0
Write Wiper Counter Register
1
0
1
0
0
0
1/0
1/0
Write new value to the Wiper Counter
Register pointed to by P1 - P0
Read Data Register
1
0
1
1
1/0
1/0
1/0
1/0
Read the contents of the Data Register pointed to by
P1 - P0 and RB - RA
Write Data Register
1
1
0
0
1/0
1/0
1/0
1/0
Write new value to the Data Register
pointed to by P1 - P0 and RB - RA
XFR Data Register to Wiper
Counter Register
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Data Register pointed to
by P1 - P0 and RB - RA to its
associated Wiper Counter Register
XFR Wiper Counter Register to
Data Register
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the Wiper Counter Register
pointed to by P1 - P0 to the Data Register pointed to
by RB - RA
Global XFR Data Registers to Wiper
Counter Registers
0
0
0
1
1/0
1/0
0
0
Transfer the contents of the Data Registers pointed to
by RB - RA of all four pots to their respective Wiper
Counter Registers
Global XFR Wiper Counter
Registers to Data Register
1
0
0
0
1/0
1/0
0
0
Transfer the contents of both Wiper Counter
Registers to their respective data Registers pointed to
by RB - RA of all four DCPs
Increment/Decrement Wiper
Counter Register
0
0
1
0
0
0
1/0
1/0
Enable Increment/decrement of the Control Latch
pointed to by P1 - P0
X9259


Similar Part No. - X9259TV24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259TV24Z-2.7 INTERSIL-X9259TV24Z-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
More results

Similar Description - X9259TV24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9279 RENESAS-X9279 Datasheet
403Kb / 18P
   Single Supply/Low Power/256-Tap/2-Wire Bus
September 23, 2009
logo
Intersil Corporation
X9269 INTERSIL-X9269 Datasheet
367Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9279 INTERSIL-X9279 Datasheet
364Kb / 22P
   Single Supply/Low Power/256-Tap/2-Wire Bus
X9268 INTERSIL-X9268 Datasheet
368Kb / 24P
   Dual Supply/Low Power/256-Tap/2-Wire Bus
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9261 RENESAS-X9261 Datasheet
442Kb / 20P
   Single Supply/Low Power/256-Tap/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9119 INTERSIL-X9119 Datasheet
332Kb / 18P
   Single Supply/Low Power/1024-Tap/2-Wire Bus
logo
Renesas Technology Corp
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com