Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9400WV24 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9400WV24
Description  Low Noise/Low Power/SPI Bus
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9400WV24 Datasheet(HTML) 4 Page - Intersil Corporation

  X9400WV24 Datasheet HTML 1Page - Intersil Corporation X9400WV24 Datasheet HTML 2Page - Intersil Corporation X9400WV24 Datasheet HTML 3Page - Intersil Corporation X9400WV24 Datasheet HTML 4Page - Intersil Corporation X9400WV24 Datasheet HTML 5Page - Intersil Corporation X9400WV24 Datasheet HTML 6Page - Intersil Corporation X9400WV24 Datasheet HTML 7Page - Intersil Corporation X9400WV24 Datasheet HTML 8Page - Intersil Corporation X9400WV24 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN8189.1
March 31, 2005
Figure 1. Detailed Potentiometer Block Diagram
Write in Process
The contents of the Data Registers are saved to
nonvolatile memory when the CS pin goes from LOW
to HIGH after a complete write sequence is received
by the device. The progress of this internal write
operation can be monitored by a write in process bit
(WIP). The WIP bit is read with a read status
command.
INSTRUCTIONS
Identification (ID) Byte
The first byte sent to the X9400 from the host,
following a CS going HIGH to LOW, is called the
Identification byte. The most significant four bits of the
slave address are a device type identifier, for the
X9400 this is fixed as 0101[B] (refer to Figure 2).
The two least significant bits in the ID byte select one
of four devices on the bus. The physical device
address is defined by the state of the A0 - A1 input
pins. The X9400 compares the serial data stream with
the address input state; a successful compare of both
address bits is required for the X9400 to successfully
continue the command sequence. The A0 - A1 inputs can
be actively driven by CMOS input signals or tied to VCC
or VSS.
The remaining two bits in the slave byte must be set to 0.
Figure 2. Identification Byte Format
Instruction Byte
The next byte sent to the X9400 contains the
instruction and register pointer information. The four
most significant bits are the instruction. The next four
bits point to one of the four pots and, when applicable,
they point to one of four associated registers. The
format is shown below in Figure 3.
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
Register 2
Register 3
Serial
Bus
Input
Parallel
Bus
Input
Wiper
Counter
Register
INC/DEC
Logic
UP/DN
CLK
Modified SCL
UP/DN
VH/RH
VL/RL
VW/RW
If WCR = 00[H] then VW/RW = VL/RL
If WCR = 3F[H] then VW/RW = VH/RH
8
6
C
o
u
n
t
e
r
D
e
c
o
d
e
(WCR)
(One of Four Arrays)
1
00
0
0
A1
A0
Device Type
Identifier
Device Address
1
X9400


Similar Part No. - X9400WV24

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9400WV24 INTERSIL-X9400WV24 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400WV24-2.7 INTERSIL-X9400WV24-2.7 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400WV24I INTERSIL-X9400WV24I Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400WV24I-2.7 INTERSIL-X9400WV24I-2.7 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
X9400WV24IZ INTERSIL-X9400WV24IZ Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
More results

Similar Description - X9400WV24

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9410 RENESAS-X9410 Datasheet
479Kb / 21P
   Low Noise/Low Power/SPI Bus
October 12, 2006
logo
Intersil Corporation
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
X9410 INTERSIL-X9410 Datasheet
376Kb / 21P
   Low Noise/Low Power/SPI Bus
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com