Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5329V14-2.7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # X5329V14-2.7A
Description  CPU Supervisor with 32Kbit SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X5329V14-2.7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X5329V14-2.7A Datasheet HTML 5Page - Intersil Corporation X5329V14-2.7A Datasheet HTML 6Page - Intersil Corporation X5329V14-2.7A Datasheet HTML 7Page - Intersil Corporation X5329V14-2.7A Datasheet HTML 8Page - Intersil Corporation X5329V14-2.7A Datasheet HTML 9Page - Intersil Corporation X5329V14-2.7A Datasheet HTML 10Page - Intersil Corporation X5329V14-2.7A Datasheet HTML 11Page - Intersil Corporation X5329V14-2.7A Datasheet HTML 12Page - Intersil Corporation X5329V14-2.7A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN8132.1
October 17, 2005
Read Sequence
When reading from the EEPROM memory array, CS is
first pulled low to select the device. The 8-bit READ
instruction is transmitted to the device, followed by the
16-bit address. After the READ opcode and address
are sent, the data stored in the memory at the selected
address is shifted out on the SO line. The data stored
in memory at the next address can be read sequen-
tially by continuing to provide clock pulses. The
address is automatically incremented to the next
higher address after each byte of data is shifted out.
When the highest address is reached, the address
counter rolls over to address $0000 allowing the read
cycle to be continued indefinitely. The read operation
is terminated by taking CS high. Refer to the Read
EEPROM Array Sequence (Figure 1).
To read the Status Register, the CS line is first pulled
low to select the device followed by the 8-bit RDSR
instruction. After the RDSR opcode is sent, the contents
of the Status Register are shifted out on the SO line.
Refer to the Read Status Register Sequence (Figure 2).
Write Sequence
Prior to any attempt to write data into the device, the
“Write Enable” Latch (WEL) must first be set by issu-
ing the WREN instruction (Figure 3). CS is first taken
LOW, then the WREN instruction is clocked into the
device. After all eight bits of the instruction are trans-
mitted, CS must then be taken HIGH. If the user con-
tinues the Write Operation without taking CS HIGH
after issuing the WREN instruction, the Write Opera-
tion will be ignored.
To write data to the EEPROM memory array, the user
then issues the WRITE instruction followed by the
16-bit address and then the data to be written. Any
unused address bits are specified to be “0’s”. The
WRITE operation minimally takes 32 clocks. CS must
go low and remain low for the duration of the opera-
tion. If the address counter reaches the end of a page
and the clock continues, the counter will roll back to
the first address of the page and overwrite any data
that may have been previously written.
For the Page Write Operation (byte or page write) to
be completed, CS can only be brought HIGH after bit 0
of the last data byte to be written is clocked in. If it is
brought HIGH at any other time, the write operation
will not be completed (Figure 4).
To write to the Status Register, the WRSR instruction
is followed by the data to be written (Figure 5). Data
bits 0 and 1 must be “0”.
While the write is in progress following a Status Regis-
ter or EEPROM Sequence, the Status Register may
be read to check the WIP bit. During this time the WIP
bit will be high.
OPERATIONAL NOTES
The device powers-up in the following state:
– The device is in the low power standby state.
– A HIGH to LOW transition on CS is required to enter
an active state and receive an instruction.
– SO pin is high impedance.
– The Write Enable Latch is reset.
– The Flag Bit is reset.
– Reset Signal is active for tPURST.
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
– A WREN instruction must be issued to set the Write
Enable Latch.
–CS must come HIGH at the proper clock count in
order to start a nonvolatile write cycle.
X5328, X5329


Similar Part No. - X5329V14-2.7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X5329 RENESAS-X5329 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5329S8IZ RENESAS-X5329S8IZ Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5329S8IZ-2.7T1 RENESAS-X5329S8IZ-2.7T1 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5329S8IZ-4.5A RENESAS-X5329S8IZ-4.5A Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5329S8IZT1 RENESAS-X5329S8IZT1 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
More results

Similar Description - X5329V14-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
logo
Renesas Technology Corp
X5323 RENESAS-X5323 Datasheet
802Kb / 19P
   CPU Supervisor with 32kBit SPI EEPROM
X5328 RENESAS-X5328 Datasheet
753Kb / 19P
   CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
   CPU Supervisor with 64Kbit SPI EEPROM
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
   CPU Supervisor with 8Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com