Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9319WS8IZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9319WS8IZ
Description  Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9319WS8IZ Datasheet(HTML) 5 Page - Intersil Corporation

  X9319WS8IZ Datasheet HTML 1Page - Intersil Corporation X9319WS8IZ Datasheet HTML 2Page - Intersil Corporation X9319WS8IZ Datasheet HTML 3Page - Intersil Corporation X9319WS8IZ Datasheet HTML 4Page - Intersil Corporation X9319WS8IZ Datasheet HTML 5Page - Intersil Corporation X9319WS8IZ Datasheet HTML 6Page - Intersil Corporation X9319WS8IZ Datasheet HTML 7Page - Intersil Corporation X9319WS8IZ Datasheet HTML 8Page - Intersil Corporation X9319WS8IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN8185.1
September 14, 2005
A.C. OPERATING CHARACTERISTICS
(VCC = 5V ±10%, TA = Full Operating Temperature Range unless otherwise stated)
POWER-UP AND DOWN REQUIREMENTS
In order to prevent unwanted tap position changes, or an inadvertant store, bring the CS and INC high before or con-
currently with the VCC pin on powerup. The potentiometer voltages must be applied after this sequence is completed.
During power-up, the data sheet parameters for the DCP do not fully apply until 1 millisecond after VCC reaches its
final value. The VCC ramp spec is always in effect.
A.C. TIMING
Symbol
Parameter
Limits
Unit
Min.
Typ.(4)
Max.
tCl
CS to INC setup
100
ns
tlD(5)
INC HIGH to U/D change
100
ns
tDI(5)
U/D to INC setup
1
µs
tlL
INC LOW period
1
µs
tlH
INC HIGH period
1
µs
tlC
INC inactive to CS inactive
1
µs
tCPHS
CS deselect time (STORE)
20
ms
tCPHNS(5) CS deselect time (NO STORE)
1
µs
tIW(5)
INC to RW change
100
500
µs
tCYC
INC cycle time
4
µs
tR, tF(5)
INC input rise and fall time
500
µs
tPU(5)
Power-up to wiper stable
500
µs
tR VCC(5)
VCC power-up rate
0.2
50
V/ms
CS
INC
U/D
RW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(3)
tIC
tCPHS
tF
tR
10%
90%
90%
tCPHNS
X9319


Similar Part No. - X9319WS8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9319WS8IZ INTERSIL-X9319WS8IZ Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
X9319WS8IZ INTERSIL-X9319WS8IZ Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
logo
Renesas Technology Corp
X9319WS8IZ RENESAS-X9319WS8IZ Datasheet
438Kb / 8P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9319WS8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com