Electronic Components Datasheet Search |
|
X9400YS24I Datasheet(PDF) 10 Page - Intersil Corporation |
|
X9400YS24I Datasheet(HTML) 10 Page - Intersil Corporation |
10 / 21 page 10 FN8189.1 March 31, 2005 ABSOLUTE MAXIMUM RATINGS Temperature under bias..................... -65 °C to +135°C Storage temperature ......................... -65 °C to +150°C Voltage on SCK, SCL or any address input with respect to VSS......................... -1V to +7V Voltage on V+ (referenced to VSS) ........................ 10V Voltage on V- (referenced to VSS) ........................-10V (V+) - (V-)............................................................... 12V Any VH ....................................................................V+ Any VL ...................................................................... V- Lead temperature (soldering, 10 seconds) ........ 300 °C IW (10 seconds)................................................±12mA COMMENT Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; functional operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ANALOG CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.) Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a potentiometer. (2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potentiometer. It is a measure of the error in step size. (3) MI = RTOT/63 or (RH - RL)/63, single pot Symbol Parameter Limits Test Conditions Min. Typ. Max. Unit RTOTAL End to end resistance ±20 % Power rating 50 mW 25 °C, each pot IW Wiper current ±6 mA RW Wiper resistance 150 250 Ω Wiper Current = ± 1mA, VCC =3V 40 100 Ω Wiper Current = ± 1mA, VCC =5V Vv+ Voltage on V+ Pin X9400 +4.5 +5.5 V X9400-2.7 +2.7 +5.5 Vv- Voltage on V- Pin X9400 -5.5 -4.5 V X9400-2.7 -5.5 -2.7 VTERM Voltage on any VH/RH or VL/RL Pin V- V+ V Noise -120 dBV Ref: 1kHz Resolution 1.6 % Absolute linearity (1) -1 +1 MI(3) Rw(n)(actual) - Rw(n)(expected) Relative linearity (2) -0.2 +0.2 MI(3) Rw(n + 1) - [Rw(n) + MI] Temperature coefficient of RTOTAL ±300 ppm/ °C Ratiometric temp. coefficient ±20 ppm/°C CH/CL/CW Potentiometer capacitances 10/10/25 pF See Spice Macromodel IAL RH, RL, RW leakage current 0.1 10 µA VIN = VSS to VCC. Device is in stand-by mode. RECOMMENDED OPERATING CONDITIONS Temp Min. Max. Commercial 0 °C+70°C Industrial -40 °C+85°C Device Supply Voltage (VCC) Limits X9400 5V ± 10% X9400-2.7 2.7V to 5.5V X9400 |
Similar Part No. - X9400YS24I |
|
Similar Description - X9400YS24I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |