Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9428WP Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9428WP
Description  Single Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9428WP Datasheet(HTML) 4 Page - Intersil Corporation

  X9428WP Datasheet HTML 1Page - Intersil Corporation X9428WP Datasheet HTML 2Page - Intersil Corporation X9428WP Datasheet HTML 3Page - Intersil Corporation X9428WP Datasheet HTML 4Page - Intersil Corporation X9428WP Datasheet HTML 5Page - Intersil Corporation X9428WP Datasheet HTML 6Page - Intersil Corporation X9428WP Datasheet HTML 7Page - Intersil Corporation X9428WP Datasheet HTML 8Page - Intersil Corporation X9428WP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8197.0
March 8, 2005
Acknowledge Polling
The disabling of the inputs, during the internal
nonvolatile write operation, can be used to take
advantage of the typical 5ms EEPROM write cycle
time. Once the stop condition is issued to indicate the
end of the nonvolatile write command the X9428
initiates the internal write cycle. ACK polling can be
initiated immediately. This involves issuing the start
condition followed by the device slave address. If the
X9428 is still busy with the write operation no ACK will
be returned. If the X9428 has completed the write
operation an ACK will be returned, and the master can
then proceed with the next operation.
Flow 1. ACK Polling Sequence
Instruction Structure
The next byte sent to the X9428 contains the instruction
and register pointer information. The four most
significant bits are the instruction. The next four bits
point to one of four associated registers. The format is
shown below in Figure 2.
Figure 2. Instruction Byte Format
The four high order bits define the instruction. The next
two bits (R1 and R0) select one of the four registers that
is to be acted upon when a register oriented instruction
is issued. Bits 0 and 1 are defined to be 0.
Four of the seven instructions end with the transmission
of the instruction byte. The basic sequence is illustrated
in Figure 3. These two-byte instructions exchange data
between the Wiper Counter Register and one of the
Data Registers. A transfer from a Data Register to a
Wiper Counter Register is essentially a write to a static
RAM. The response of the wiper to this action will be
delayed tWRL. A transfer from the Wiper Counter
Register (current wiper position), to a Data Register is a
write to nonvolatile memory and takes a minimum of
tWR to complete.
Four instructions require a three-byte sequence to
complete. These instructions transfer data between the
host and the X9428; either between the host and one of
the Data Registers or directly between the host and the
Wiper Counter Register. These instructions are: Read
Wiper Counter Register (read the current wiper position
of the selected pot), write Wiper Counter Register
(change current wiper position of the selected pot), read
Data Register (read the contents of the selected
nonvolatile register) and write Data Register (write a
new value to the selected Data Register). The
sequence of operations is shown in Figure 4.
Nonvolatile Write
Command Completed
Enter ACK Polling
Issue
START
Issue Slave
Address
ACK
Returned?
Further
Operation?
Issue
Instruction
Issue STOP
NO
YES
YES
Proceed
Issue STOP
NO
Proceed
I1
I2
I3
I0
R1
R0
0
0
Register
Select
Instructions
X9428


Similar Part No. - X9428WP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9428WP XICOR-X9428WP Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
X9428WP-2.7 XICOR-X9428WP-2.7 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
X9428WPI XICOR-X9428WPI Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
X9428WPI-2.7 XICOR-X9428WPI-2.7 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results

Similar Description - X9428WP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com