Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9430WS24I Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9430WS24I
Description  Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9430WS24I Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9430WS24I Datasheet HTML 6Page - Intersil Corporation X9430WS24I Datasheet HTML 7Page - Intersil Corporation X9430WS24I Datasheet HTML 8Page - Intersil Corporation X9430WS24I Datasheet HTML 9Page - Intersil Corporation X9430WS24I Datasheet HTML 10Page - Intersil Corporation X9430WS24I Datasheet HTML 11Page - Intersil Corporation X9430WS24I Datasheet HTML 12Page - Intersil Corporation X9430WS24I Datasheet HTML 13Page - Intersil Corporation X9430WS24I Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
FN8198.0
March 11, 2005
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65
°C to +135°C
Storage temperature ......................... -65
°C to +150°C
Voltage on SCK, SCL or any
address input with respect to VSS ........... -1V to +7V
Voltage on V+ (referenced to VSS) ........................+7V
Voltage on V- (referenced to VSS) ..........................-7V
(V+) - (V-) .............................................................. 10V
Any VH.....................................................................V+
Any VL ......................................................................V-
Lead temperature (soldering, 10 seconds) ........ 300
°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
POTENTIOMETER CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
(2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (RH - RL)/63, single pot (=LSB)
(4) Individual array resolutions
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Unit
RTOTAL
End to end resistance
-20
+20
%
Power rating
50
mW
25
°C, each pot
IW
Wiper current
-3
+3
mA
RW
Wiper resistance
40
100
V+ = 5V, V- = -5V, IW = 3mA
100
250
V+ = 2.7V, V- = -2.7V, IW = 1mA
Vv+
Voltage on V+ pin
X9430
+4.5
+5.5
V
X9430-2.7
+2.7
+5.5
Vv-
Voltage on V- pin
X9430
-5.5
-4.5
V
X9430-2.7
-5.5
-2.7
VTERM
Voltage on any RH or RL pin
V-
V+
V
Noise
-100
dBv
Ref: 1V
Resolution (4)
1.6
%
Absolute linearity (1)
-1
+1
MI(3)
Vw(n)(actual) - Vw(n)(expected)
Relative linearity (2)
-0.2
+0.2
MI(3)
Vw(n + 1) - [Vw(n) + MI]
Temperature coefficient of RTOTAL
±300
ppm/°C
Ratiometric temperature coefficient
±20
ppm/°C
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C+70°C
Industrial
-40
°C+85°C
Device
Supply Voltage (VCC) Limits
X9430
5V
±10%
X9430-2.7
2.7V to 5.5V
X9430


Similar Part No. - X9430WS24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9430WS24I XICOR-X9430WS24I Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430WS24I-2.7 XICOR-X9430WS24I-2.7 Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
More results

Similar Description - X9430WS24I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9430 XICOR-X9430 Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
X9438 INTERSIL-X9438 Datasheet
280Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430 RENESAS-X9430 Datasheet
792Kb / 21P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com