Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9460 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9460
Description  Dual Audio Control Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9460 Datasheet(HTML) 1 Page - Intersil Corporation

  X9460 Datasheet HTML 1Page - Intersil Corporation X9460 Datasheet HTML 2Page - Intersil Corporation X9460 Datasheet HTML 3Page - Intersil Corporation X9460 Datasheet HTML 4Page - Intersil Corporation X9460 Datasheet HTML 5Page - Intersil Corporation X9460 Datasheet HTML 6Page - Intersil Corporation X9460 Datasheet HTML 7Page - Intersil Corporation X9460 Datasheet HTML 8Page - Intersil Corporation X9460 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN8203.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9460
Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer
Dual Audio Control Digitally Controlled
Potentiometer (XDCP™)
The X9460 integrates two digitally controlled potentiometer
(XDCP) on a monolithic CMOS integrated circuit. The two
XDCPs can be used as stereo gain controls in audio
applications. Read/Write operations can directly access
each channel independently or both channels
simultaneously. Increment/Decrement can adjust each
channel independently or both channels simultaneously.
The X9460 contains a zero amplitude wiper switching circuit
that delays wiper changes until the next zero crossing of the
audio signal.
The digitally controlled potentiometer is implemented using
31 polysilicon resistors in a log array. Between each of the
resistors are tap points connected to the wiper terminal
through switches. The XDCPs are designed to minimize
wiper noise to avoid pops and clicks during audio volume
transitions. The position of the wiper on the array is
controlled by the user through the 2-wire serial bus interface.
Power-up reset the wiper to the mute position.
Pinout
X9460
(14 LD TSSOP)
TOP VIEW
Features
• Dual Audio Control – Two 32 Taps Log Pots
• Zero Amplitude Wiper Switching
• 2-Wire Serial Interface
4 Slave Byte Addresses for Writes[A1,A0]
• Total Resistance: 33k
Ω Each XDCP (Typical)
• Dual Voltage Operation
V+/V- = ±2.7 to ±5.5V
• Temp Range = -40°C to +85°C
• Package Options
14 L d TSSOP
• Zero Amplitude Wiper Switching
• Pb-Free Plus Anneal Available (RoHS Compliant)
Audio Performance
• 0 to - 62dB Volume Control
• -92dB Mute
- Power-Up to Mute Position
• SNR -96dB
• THD+N: -95dB @1kHz
• Crosstalk Rejection: -102dB @ 1kHz
• Channel-to-Channel Variation: ± 0.1dB
• 3dB-Cutoff: 100kHz
Applications
• Set Top Boxes
• Stereo Amplifiers
• DVD Players
• Portable Audio Products
VCC
RH-left
SDA
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
V+
A1
RH-right
RL-right
RW-right
SCL
A0
V-
RL-left
RW-left
X9460
Ordering Information
PART NUMBER
PART MARKING
VCC LIMITS (V)
TEMP RANGE (°C)
PACKAGE
X9460KV14I*
X9460KV I
5V ± 10%
-40 to +85
14 Ld TSSOP
X9460KV14IZ* (Note)
X9460KV Z I
-40 to +85
14 Ld TSSOP (Pb-free)
X9460KV14I-2.7*
X9460KV G
2.7 to 5.5
-40 to +85
14 Ld TSSOP
X9460KV14IZ-2.7* (Note)
X9460KV Z G
-40 to +85
14 Ld TSSOP (Pb-free)
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
October 17, 2005


Similar Part No. - X9460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9460 INTERSIL-X9460 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9460 RENESAS-X9460 Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
X9460KV14I RENESAS-X9460KV14I Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
X9460KV14I-2.7 RENESAS-X9460KV14I-2.7 Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
X9460KV14IZ RENESAS-X9460KV14IZ Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
More results

Similar Description - X9460

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9410 INTERSIL-X9410_06 Datasheet
397Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
   Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9221AYS INTERSIL-X9221AYS Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221A INTERSIL-X9221A_06 Datasheet
262Kb / 15P
   Dual Digitally Controlled Potentiometer
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9460 RENESAS-X9460 Datasheet
673Kb / 16P
   Low Noise, Low Cost, High End Features, Dual Audio Log Potentiometer Dual Audio Control Digitally Controlled Potentiometer (XDCP™)
October 17, 2005
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com