Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9430WV24-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9430WV24-2.7
Description  Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9430WV24-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9430WV24-2.7 Datasheet HTML 5Page - Intersil Corporation X9430WV24-2.7 Datasheet HTML 6Page - Intersil Corporation X9430WV24-2.7 Datasheet HTML 7Page - Intersil Corporation X9430WV24-2.7 Datasheet HTML 8Page - Intersil Corporation X9430WV24-2.7 Datasheet HTML 9Page - Intersil Corporation X9430WV24-2.7 Datasheet HTML 10Page - Intersil Corporation X9430WV24-2.7 Datasheet HTML 11Page - Intersil Corporation X9430WV24-2.7 Datasheet HTML 12Page - Intersil Corporation X9430WV24-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
FN8198.0
March 11, 2005
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Transfer the contents of the Register pointed to by R1 - R0 to the WCR
Transfer Wiper Counter Register (WCR) to Data Register (DR)
Transfer the contents of the WCR to the Register pointed to by R1 - R0
Increment/Decrement Wiper Counter Register (WCR)
Enable Increment/decrement of the WCR pointed to by P1 - P0
Global Transfer Data Register (DR) to Wiper Counter Register (WCR)
Transfer the contents of all four Data Registers pointed to by R1 - R0 to their respective WCR
Global Transfer Wiper Counter Register (WCR) to Data Register (DR)
Transfer the contents of all WCRs to their respective data Registers pointed to by R1 - R0
Read Status
Returns the contents of the WIP bit which indicates if an internal write cycle is in progress
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR/WCR
addresses
CS
Rising
Edge
0101 00
A
1
A
0
11 01
R
1
R
0
0
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR/WCR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010 100
A
1
A
0
111 0
R
1
R
0
0
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR
addresses
increment/decrement
(sent by master on SDA)
CS
Rising
Edge
010
10
0
A
1
A
0
001
0 X X
0
P
0
I/
D
I/
D
...
.
I/
D
I/
D
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
01
010
0
A
1
A
0
000
1
R
1
R
0
00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010100
A
1
A
0
1000
R
1
R
0
00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
wiper
addresses
Data Byte
(sent by X9430 on SO)
CS
Rising
Edge
01010
0
A
1
A
0
010100
01000000
0
W
I
P
X9430
P0: 0-WCR0, 1-WCR1


Similar Part No. - X9430WV24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9430WV24-2.7 XICOR-X9430WV24-2.7 Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
More results

Similar Description - X9430WV24-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9430 XICOR-X9430 Datasheet
881Kb / 21P
   Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
X9438 INTERSIL-X9438 Datasheet
280Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP) with Operational Amplifier
logo
Renesas Technology Corp
X9438 RENESAS-X9438 Datasheet
698Kb / 18P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
X9430 RENESAS-X9430 Datasheet
792Kb / 21P
   Programmable Analog Dual Digitally Controlled Potentiometer (XDCP?? with Operational Amplifier
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
ISL22424 INTERSIL-ISL22424 Datasheet
728Kb / 18P
   Dual Digitally Controlled Potentiometer (XDCP??
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com