Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9520V20IA Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9520V20IA
Description  Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9520V20IA Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9520V20IA Datasheet HTML 4Page - Intersil Corporation X9520V20IA Datasheet HTML 5Page - Intersil Corporation X9520V20IA Datasheet HTML 6Page - Intersil Corporation X9520V20IA Datasheet HTML 7Page - Intersil Corporation X9520V20IA Datasheet HTML 8Page - Intersil Corporation X9520V20IA Datasheet HTML 9Page - Intersil Corporation X9520V20IA Datasheet HTML 10Page - Intersil Corporation X9520V20IA Datasheet HTML 11Page - Intersil Corporation X9520V20IA Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
FN8206.0
March 8, 2005
WCR and NVM. Therefore, the new “wiper position” set-
ting is recalled into the WCR after V1 / Vcc of the X9520
has been powered down then powered back up
If WT is “0” then a DCP Volatile Write is performed. This
operation changes the DCP “wiper position” by writing
new data to the associated WCR only. The contents of
the associated NVM register remains unchanged. There-
fore, when V1 / Vcc to the device is powered down then
back up, the “wiper position” reverts to that last written to
the DCP using a nonvolatile write operation.
DCP Write Operation
A write to DCPx (x = 0,1,2) can be performed using the
three byte command sequence shown in Figure 9.
In order to perform a write operation on a particular DCP,
the Write Enable Latch (WEL) bit of the CONSTAT Reg-
ister must first be set (See “BL1, BL0: Block Lock protec-
tion bits - (Nonvolatile)” on page 13.)
The Slave Address Byte 10101110 specifies that a Write
to a DCP is to be conducted. An ACKNOWLEDGE is
returned by the X9520 after the Slave Address, if it has
been received correctly.
Next, an Instruction Byte is issued on SDA. Bits P1 and
P0 of the Instruction Byte determine which WCR is to be
written, while the WT bit determines if the Write is to be
volatile or nonvolatile. If the Instruction Byte format is
valid, another ACKNOWLEDGE is then returned by the
X9520.
Following the Instruction Byte, a Data Byte is issued to
the X9520 over SDA. The Data Byte contents is latched
into the WCR of the DCP on the first rising edge of the
clock signal, after the LSB of the Data Byte (D0) has
been issued on SDA (See Figure 34).
The Data Byte determines the “wiper position” (which
FET switch of the DCP resistive array is switched ON) of
the DCP. The maximum value for the Data Byte depends
upon which DCP is being addressed (see Table below).
Using a Data Byte larger than the values specified above
results in the “wiper terminal” being set to the highest tap
position. The “wiper position” does NOT roll-over to the
lowest tap position.
For DCP0 (64 Tap) and DCP2 (256 Tap), the Data Byte
maps one to one to the “wiper position” of the DCP
“wiper terminal”. Therefore, the Data Byte 00001111
(1510) corresponds to setting the “wiper terminal” to tap
position 15. Similarly, the Data Byte 00011100 (2810)
corresponds to setting the “wiper terminal” to tap position
28. The mapping of the Data Byte to “wiper position” data
for DCP1 (100 Tap), is shown in “APPENDIX 1” . An
example of a simple C language function which “trans-
lates” between the tap position (decimal) and the Data
Byte (binary) for DCP1, is given in “APPENDIX 2” .
WT
Description
0
Select a Volatile Write operation to be performed
on the DCP pointed to by bits P1 and P0
1
Select a Nonvolatile Write operation to be per-
formed on the DCP pointed to by bits P1 and P0
0
0
WT
0
0
0
P1
P0
WRITE TYPE
DCP SELECT
This bit has no effect when a Read operation is being performed.
I5
I6
I7
I4
I3
I2
I1
I0
Figure 8.
Instruction Byte Format
S
T
A
R
T
101
01110
A
C
K
WT
0
0
0
0
0
P1 P0
A
C
K
S
T
O
P
A
C
K
D7
D6
D5
D4
D3
D2
D1
D0
SLAVE ADDRESS BYTE
INSTRUCTION BYTE
DATA BYTE
Figure 9.
DCP Write Command Sequence
P1 - P0
DCPx
# Taps
Max. Data Byte
00
x = 0
64
3Fh
0
1
x = 1
100
Refer to Appendix 1
1
0
x = 2
256
FFh
11
Reserved
X9520


Similar Part No. - X9520V20IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520V20I-A INTERSIL-X9520V20I-A Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520V20I-A INTERSIL-X9520V20I-A Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Renesas Technology Corp
X9520V20I-A RENESAS-X9520V20I-A Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Intersil Corporation
X9520V20I-AT1 INTERSIL-X9520V20I-AT1 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520V20I-AT1 INTERSIL-X9520V20I-AT1 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
More results

Similar Description - X9520V20IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 INTERSIL-X40231 Datasheet
541Kb / 36P
   Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Intersil Corporation
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9521 INTERSIL-X9521_06 Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com