Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9521V20I Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9521V20I
Description  Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9521V20I Datasheet(HTML) 3 Page - Intersil Corporation

  X9521V20I Datasheet HTML 1Page - Intersil Corporation X9521V20I Datasheet HTML 2Page - Intersil Corporation X9521V20I Datasheet HTML 3Page - Intersil Corporation X9521V20I Datasheet HTML 4Page - Intersil Corporation X9521V20I Datasheet HTML 5Page - Intersil Corporation X9521V20I Datasheet HTML 6Page - Intersil Corporation X9521V20I Datasheet HTML 7Page - Intersil Corporation X9521V20I Datasheet HTML 8Page - Intersil Corporation X9521V20I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
FN8207.1
August 25, 2005
PRINCIPLES OF OPERATION
SERIAL INTERFACE
Serial Interface Conventions
The device supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the
bus as a transmitter, and the receiving device as the
receiver. The device controlling the transfer is called the
master and the device being controlled is called the
slave. The master always initiates data transfers, and
provides the clock for both transmit and receive opera-
tions. Therefore, the X9521 operates as a slave in all
applications.
Serial Clock and Data
Data states on the SDA line can change only while SCL
is LOW. SDA state changes while SCL is HIGH are
reserved for indicating START and STOP conditions.
See Figure 1. On power-up of the X9521, the SDA pin is
in the input mode.
Serial Start Condition
All commands are preceded by the START condition,
which is a HIGH to LOW transition of SDA while SCL is
HIGH. The device continuously monitors the SDA and
SCL lines for the START condition and does not respond
to any command until this condition has been met. See
Figure 2.
Serial Stop Condition
All communications must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA
while SCL is HIGH. The STOP condition is also used to
place the device into the Standby power mode after a
read sequence. A STOP condition can only be issued
after the transmitting device has released the bus. See
Figure 2.
Serial Acknowledge
An ACKNOWLEDGE (ACK) is a software convention
used to indicate a successful data transfer. The transmit-
ting device, either master or slave, will release the bus
after transmitting eight bits. During the ninth clock cycle,
the receiver will pull the SDA line LOW to ACKNOWL-
EDGE that it received the eight bits of data. Refer to
Figure 3.
The device will respond with an ACKNOWLEDGE after
recognition of a START condition if the correct Device
Identifier bits are contained in the Slave Address Byte. If
a write operation is selected, the device will respond with
an ACKNOWLEDGE after the receipt of each subse-
quent eight bit word.
In the read mode, the device will transmit eight bits of
data, release the SDA line, then monitor the line for an
ACKNOWLEDGE. If an ACKNOWLEDGE is detected
and no STOP condition is generated by the master, the
device will continue to transmit data. The device will ter-
SCL
SDA
Start
Stop
Figure 2.
Valid Start and Stop Conditions
X9521


Similar Part No. - X9521V20I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9521V20I-A INTERSIL-X9521V20I-A Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9521V20I-A RENESAS-X9521V20I-A Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
logo
Intersil Corporation
X9521V20I-B INTERSIL-X9521V20I-B Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9521V20I-B RENESAS-X9521V20I-B Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
logo
Intersil Corporation
X9521V20IZ-A INTERSIL-X9521V20IZ-A Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
More results

Similar Description - X9521V20I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9525 INTERSIL-X9525 Datasheet
578Kb / 26P
   Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9523 INTERSIL-X9523_06 Datasheet
401Kb / 28P
   Laser Diode Control for Fiber Optic Modules
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
   Laser Diode Control for Fiber Optic Modules
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
   Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-53D5EMZ AVAGO-HFCT-53D5EMZ Datasheet
140Kb / 14P
   1300 nm FP Laser 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com