Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9530 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9530
Description  Temperature Compensated Laser Diode Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9530 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9530 Datasheet HTML 2Page - Intersil Corporation X9530 Datasheet HTML 3Page - Intersil Corporation X9530 Datasheet HTML 4Page - Intersil Corporation X9530 Datasheet HTML 5Page - Intersil Corporation X9530 Datasheet HTML 6Page - Intersil Corporation X9530 Datasheet HTML 7Page - Intersil Corporation X9530 Datasheet HTML 8Page - Intersil Corporation X9530 Datasheet HTML 9Page - Intersil Corporation X9530 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
FN8211.0
March 10, 2005
I2DS: CURRENT GENERATOR 2 DIRECTION SELECT BIT
(NON-VOLATILE)
The I2DS bit sets the polarity of Current Generator 2,
DAC2. When this bit is set to “0” (default), the Current
Generator 2 of the X9530 is configured as a Current
Source. Current Generator 2 is configured as a
Current Sink when the I2DS bit is set to “1”. See
Figure 5.
Control Register 1
This register is accessed by performing a Read or Write
operation to address 81h of memory. This byte’s volatility
is determined by bit NV1234 in Control register 0.
L1DA5 - L1DA0: LUT1 DIRECT ACCESS BITS
When bit L1DAS (bit 4 in Control register 5) is set to
“1”, LUT1 is addressed by these six bits, and it is not
addressed by the output of the on-chip A/D converter.
When bit L1DAS is set to “0”, these six bits are ignored
by the X9530. See Figure 7.
A value between 00h (0010) and 3Fh (6310) may be
written to these register bits, to select the corresponding
row in LUT1. The written value is added to the base
address of LUT1 (90h).
Control Register 2
This register is accessed by performing a read or write
operation to address 82h of memory. This byte’s
volatility is determined by bit NV1234 in Control
register 0.
L2DA5 - L2DA0: LUT2 DIRECT ACCESS BITS
When bit L2DAS (bit 6 in Control register 5) is set to
“1”, LUT2 is addressed by these six bits, and it is not
addressed by the output of the on-chip A/D converter.
When bit L2DAS is set to “0”, these six bits are ignored
by the X9530. See Figure 7.
A value between 00h (0010) and 3Fh (6310) may be
written to these register bits, to select the corresponding
row in LUT2. The written value is added to the base
address of LUT2 (D0h).
Control Register 3
This register is accessed by performing a Read or Write
operation to address 83h of memory. This byte’s volatility
is determined by bit NV1234 in Control register 0.
D1DA7 - D1DA0: D/A 1 DIRECT ACCESS BITS
When bit D1DAS (bit 5 in Control register 5) is set to
“1”, the input to the D/A converter 1 is the content of
bits D1DA7 - D1DA0, and it is not a row of LUT1.
When bit D1DAS is set to “0” (default) these eight bits
are ignored by the X9530. See Figure 6.
Control Register 4
This register is accessed by performing a Read or
Write operation to address 84h of memory. This byte’s
volatility is determined by bit NV1234 in Control
register 0.
D2DA7 - D2DA0: D/A 2 DIRECT ACCESS BITS
When bit D2DAS (bit 7 in Control register 5) is set to
“1”, the input to the D/A converter 2 is the content of
bits D2DA7 - D2DA0, and it is not a row of LUT2.
When bit D2DAS is set to “0” (default) these eight bits
are ignored by the X9530. (See Figure 6).
Control Register 5
This register is accessed by performing a Read or
Write operation to address 85h of memory.
I1FSO1 - I1FSO0: CURRENT GENERATOR 1 FULL SCALE
OUTPUT SET BITS (NON-VOLATILE)
These two bits are used to set the full scale output
current at the Current Generator 1 pin, I1. If both bits
are set to “0” (default), an external resistor connected
between pin R1 and Vss, determines the full scale
output current available at pin I1. The other three
options are indicated in the table below. The direction
of this current is set by bit I1DS in Control register 0.
See Figure 5.
*No external resistor should be connected in these cases between
R1 and VSS.
I1FSO1
I1FSO0
I1 Full Scale Output Current
0
0
Set externally via pin R1 (Default)
01
±0.4mA*
10
±0.85 mA*
11
±1.3 mA*
X9530


Similar Part No. - X9530

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
Xicor Inc.
X9530B15I XICOR-X9530B15I Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
X9530B15I-T1 XICOR-X9530B15I-T1 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
More results

Similar Description - X9530

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9530 XICOR-X9530 Datasheet
479Kb / 30P
   Temperature Compensated Laser Diode Controller
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Renesas Technology Corp
X9530 RENESAS-X9530 Datasheet
496Kb / 29P
   Temperature Compensated Laser Diode Controller
November 11, 2005
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Toshiba Semiconductor
1SZ57 TOSHIBA-1SZ57 Datasheet
60Kb / 2P
   TEMPERATURE COMPENSATED ZENER DIODE
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
New Jersey Semi-Conduct...
1N4611 NJSEMI-1N4611 Datasheet
62Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com