Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9525B20I Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9525B20I
Description  Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9525B20I Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9525B20I Datasheet HTML 2Page - Intersil Corporation X9525B20I Datasheet HTML 3Page - Intersil Corporation X9525B20I Datasheet HTML 4Page - Intersil Corporation X9525B20I Datasheet HTML 5Page - Intersil Corporation X9525B20I Datasheet HTML 6Page - Intersil Corporation X9525B20I Datasheet HTML 7Page - Intersil Corporation X9525B20I Datasheet HTML 8Page - Intersil Corporation X9525B20I Datasheet HTML 9Page - Intersil Corporation X9525B20I Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
FN8210.0
March 10, 2005
Hot Pluggability
Figure 7 shows a typical waveform that the X9525 might
experience in a Hot Pluggable situation. On power-up,
Vcc applied to the X9525 may exhibit some amount of
ringing, before it settles to the required value.
The device is designed such that the wiper terminal
(RWx) is recalled to the correct position (as per the last
stored in the DCP NVM), when the voltage applied to
Vcc exceeds VTRIP for a time exceeding tpu.
Therefore, if
ttrans is defined as the time taken for Vcc to
settle above VTRIP (Figure 7): then the desired wiper ter-
minal position is recalled by (a maximum) time:
ttrans +
tpu. It should be noted that ttrans is determined by sys-
tem hot plug conditions.
DCP Operations
In total there are three operations that can be performed
on any internal DCP structure:
—DCP Nonvolatile Write
—DCP Volatile Write
—DCP Read
A nonvolatile write to a DCP will change the “wiper
position” by simultaneously writing new data to the
associated WCR and NVM. Therefore, the new “wiper
position” setting is recalled into the WCR after Vcc of the
X9525 is powered down and then powered back up.
A volatile write operation to a DCP however, changes the
“wiper position” by writing new data to the associated
WCR only. The contents of the associated NVM register
remains unchanged. Therefore, when Vcc to the device
is powered down then back up, the “wiper position”
reverts to that last position written to the DCP using a
nonvolatile write operation.
Both volatile and nonvolatile write operations are
executed using a three byte command sequence: (DCP)
Slave Address Byte, Instruction Byte, followed by a Data
Byte (See Figure 9).
A DCP Read operation allows the user to “read out” the
current “wiper position” of the DCP, as stored in the
associated WCR. This operation is executed using the
Random Address Read command sequence, consisting
of the (DCP) Slave Address Byte followed by an
Instruction Byte and the Slave Address Byte again (Refer
to Figure 10.).
Instruction Byte
While the Slave Address Byte is used to select the DCP
devices, an Instruction Byte is used to determine which
DCP is being addressed.
The Instruction Byte (Figure 8) is valid only when the
Device Type Identifier and the Internal Device Address
bits of the Slave Address are set to 1010A011. In this
case, the two Least Significant Bit’s (I1 - I0) of the
Instruction Byte are used to select the particular DCP
(0 - 2). In the case of a Write to any of the DCPs (i.e. the
LSB of the Slave Address is 0), the Most Significant Bit
of the Instruction Byte (I7), determines the Write Type
(WT) performed.
If WT is “1”, then a Nonvolatile Write to the DCP occurs.
In this case, the “wiper position” of the DCP is changed
by simultaneously writing new data to the associated
WCR and NVM. Therefore, the new “wiper position” set-
ting is recalled into the WCR after Vcc of the X9525 has
been powered down then powered back up
If WT is “0” then a DCP Volatile Write is performed. This
operation changes the DCP “wiper position” by writing
new data to the associated WCR only. The contents of
Figure 7.
DCP Power-up
t
Vcc
VTRIP
Vcc (Max.)
tpu
Maximum Wiper Recall time
0
ttrans
X9525


Similar Part No. - X9525B20I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9525 INTERSIL-X9525 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9525V20I INTERSIL-X9525V20I Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9525V20I RENESAS-X9525V20I Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9525V20IZ INTERSIL-X9525V20IZ Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
More results

Similar Description - X9525B20I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9521 INTERSIL-X9521 Datasheet
415Kb / 25P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9523 INTERSIL-X9523_06 Datasheet
401Kb / 28P
   Laser Diode Control for Fiber Optic Modules
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
   Laser Diode Control for Fiber Optic Modules
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
   Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
logo
California Eastern Labs
NX6510GH CEL-NX6510GH Datasheet
946Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com