Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40014 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X40014
Description  Dual Voltage Monitor with Intergrated CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40014 Datasheet(HTML) 3 Page - Intersil Corporation

  X40014 Datasheet HTML 1Page - Intersil Corporation X40014 Datasheet HTML 2Page - Intersil Corporation X40014 Datasheet HTML 3Page - Intersil Corporation X40014 Datasheet HTML 4Page - Intersil Corporation X40014 Datasheet HTML 5Page - Intersil Corporation X40014 Datasheet HTML 6Page - Intersil Corporation X40014 Datasheet HTML 7Page - Intersil Corporation X40014 Datasheet HTML 8Page - Intersil Corporation X40014 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
FN8111.0
March 28, 2005
PRINCIPLES OF OPERATION
Power On Reset
Application of power to the X40010/11/14/15 activates a
Power On Reset Circuit that pulls the RESET/RESET
pins active. This signal provides several benefits.
– It prevents the system microprocessor from starting to
operate with insufficient voltage.
– It prevents the processor from operating prior to stabili-
zation of the oscillator.
– It allows time for an FPGA to download its configura-
tion prior to initialization of the circuit.
– It prevents communication to the EEPROM, greatly
reducing the likelihood of data corruption on power up.
When VCC exceeds the device VTRIP1 threshold value for
tPURST (selectable) the circuit releases the RESET
(X40011) and RESET (X40010) pin allowing the system
to begin operation.
Low Voltage VCC (V1 Monitoring)
During operation, the X40010/11/14/15 monitors the
VCC level and asserts RESET/RESET if supply voltage
falls
below
a
preset
minimum
VTRIP1.
The
RESET/RESET signal prevents the microprocessor
from operating in a power fail or brownout condition.
The V1FAIL signal remains active until the voltage
drops below 1V. It also remains active until VCC returns
and exceeds VTRIP1 for tPURST.
Low Voltage V2 Monitoring
The X40010/11/14/15 also monitors a second voltage
level and asserts V2FAIL if the voltage falls below a
preset minimum VTRIP2. The V2FAIL signal is either
ORed with RESET to prevent the microprocessor from
operating in a power fail or brownout condition or used to
interrupt the microprocessor with notification of an
impending power failure. For the X40010/11 the V2FAIL
signal remains active until the VCC drops below 1V (VCC
falling). It also remains active until V2MON returns and
exceeds VTRIP2 by 0.2V. This voltage sense circuitry
monitors the power supply connected to the V2MON pin.
If VCC = 0, V2MON can still be monitored.
For the X40014/15 devices, the V2FAIL signal remains
actice until VCC drops below 1Vx and remains active
until V2MON returns and exceeds VTRIP2. This sense
circuitry is powered by VCC. If VCC = 0, V2MON cannot
be monitored.
Figure 1. Two Uses of Multiple Voltage Monitoring
68
SCL
Serial Clock. The Serial Clock controls the serial bus timing for data input and output.
71
WDO
WDO Output. WDO is an active LOW, open drain output which goes active whenever the watch-
dog timer goes active.
82
VCC
Supply Voltage
PIN DESCRIPTION (Continued)
Pin
Name
Function
SOIC TSSOP
6–10V
VCC
5V
Reg
V2MON
X40011-A
Resistors selected so 3V appears on V2MON when unregulated
supply reaches 6V.
Unreg.
Supply
VCC
X40014-C
RESET
V2FAIL
System
VCC
Reset
RESET
V2FAIL
VCC
System
Reset
Notice: No external components required to monitor two voltages.
1M
1M
V2MON
3.3V
Reg
1.2V
Reg
V2MON
(2.9V)
X40010, X40011, X40014, X40015


Similar Part No. - X40014

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40014 XICOR-X40014 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40014 RENESAS-X40014 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40014S8-A XICOR-X40014S8-A Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40014S8-A RENESAS-X40014S8-A Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40014S8-B XICOR-X40014S8-B Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40014

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com