Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40030V14-A Datasheet(PDF) 5 Page - Intersil Corporation

Part # X40030V14-A
Description  Triple Voltage Monitor with Intergrated CPU Supervisor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40030V14-A Datasheet(HTML) 5 Page - Intersil Corporation

  X40030V14-A Datasheet HTML 1Page - Intersil Corporation X40030V14-A Datasheet HTML 2Page - Intersil Corporation X40030V14-A Datasheet HTML 3Page - Intersil Corporation X40030V14-A Datasheet HTML 4Page - Intersil Corporation X40030V14-A Datasheet HTML 5Page - Intersil Corporation X40030V14-A Datasheet HTML 6Page - Intersil Corporation X40030V14-A Datasheet HTML 7Page - Intersil Corporation X40030V14-A Datasheet HTML 8Page - Intersil Corporation X40030V14-A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
FN8114.0
April 28, 2005
WATCHDOG TIMER
The Watchdog Timer circuit monitors the microproces-
sor activity by monitoring the SDA and SCL pins. A
standard read or write sequence to any slave address
byte restarts the watchdog timer and prevents the
WDO signal going active. A minimum sequence to
reset the watchdog timer requires four microprocessor
instructions namely, a Start, Clock Low, Clock High
and Stop. The state of two nonvolatile control bits in
the Status Register determine the watchdog timer
period. The microprocessor can change these watch-
dog bits by writing to the X40030, X40031, X40034,
X40035 control register (also refer to page 21).
Figure 4. Watchdog Restart
V1, V2 AND V3 THRESHOLD PROGRAM
PROCEDURE (OPTIONAL)
The X40030 is shipped with standard V1, V2 and V3
threshold (VTRIP1, VTRIP2, VTRIP3) voltages. These
values will not change over normal operating and stor-
age conditions. However, in applications where the
standard thresholds are not exactly right, or if higher
precision is needed in the threshold value, the X40030,
X40031, X40034, X40035 trip points may be adjusted.
The procedure is described below, and uses the appli-
cation of a high voltage control signal.
Setting a VTRIPx Voltage (x=1, 2, 3)
There are two procedures used to set the threshold
voltages (VTRIPx), depending if the threshold voltage to
be stored is higher or lower than the present value. For
example, if the present VTRIPx is 2.9 V and the new
VTRIPx is 3.2 V, the new voltage can be stored directly
into the VTRIPx cell. If however, the new setting is to be
lower than the present setting, then it is necessary to
“reset” the VTRIPx voltage before setting the new value.
Setting a Higher VTRIPx Voltage (x=1, 2, 3)
To set a VTRIPx threshold to a new voltage which is
higher than the present threshold, the user must apply
the desired VTRIPx threshold voltage to the corre-
sponding input pin (Vcc(V1MON), V2MON or V3MON).
Then, a programming voltage (Vp) must be applied to
the WDO pin before a START condition is set up on
SDA. Next, issue on the SDA pin the Slave Address
A0h, followed by the Byte Address 01h for VTRIP1, 09h
for VTRIP2, and 0Dh for VTRIP3, and a 00h Data Byte in
order to program VTRIPx. The STOP bit following a valid
write operation initiates the programming sequence. Pin
WDO must then be brought LOW to complete the oper-
ation. To check if the VTRIPX has been set, set VXMON
to a value slightly greater than VTRIPX (that was previ-
ously set). Slowly ramp down VXMON and observe
when the corresponding outputs (LOWLINE, V2FAIL
and V3FAIL) switch. The voltage at which this occurs is
the VTRIPX (actual).
CASE A
Now if the desired VTRIPX is greater than the VTRIPX
(actual), then add the difference between VTRIPX
(desired) – VTRIPX (actual) to the original VTRIPX
desired. This is your new VTRIPX that should be
applied to VXMON and the whole sequence should be
repeated again (see Figure 5).
CASE B
Now if the VTRIPX (actual), is higher than the VTRIPX
(desired), perform the reset sequence as described in
the next section. The new VTRIPX voltage to be applied
to VXMON will now be: VTRIPX (desired) – (VTRIPX
(actual) – VTRIPX (desired)).
Note: This operation does not corrupt the memory array.
Setting a Lower VTRIPx Voltage (x=1, 2, 3)
In order to set VTRIPx to a lower voltage than the
present value, then VTRIPx must first be “reset” accord-
ing to the procedure described below. Once VTRIPx
has been “reset”, then VTRIPx can be set to the desired
voltage using the procedure described in “Setting a
Higher VTRIPx Voltage”.
Resetting the VTRIPx Voltage
To reset a VTRIPx voltage, apply the programming volt-
age (Vp) to the WDO pin before a START condition is
set up on SDA. Next, issue on the SDA pin the Slave
Address A0h followed by the Byte Address 03h for
VTRIP1, 0Bh for VTRIP2, and 0Fh for VTRIP3, followed
by 00h for the Data Byte in order to reset VTRIPx. The
STOP bit following a valid write operation initiates the
programming sequence. Pin WDO must then be
brought LOW to complete the operation.
After being reset, the value of VTRIPx becomes a nomi-
nal value of 1.7V or lesser.
Notes: 1.This operation does not corrupt the memory
array.
2. Set VCC ≅ 1.5(V2MON or V3MON), when
setting VTRIP2 or VTRIP3 respectively
SCL
SDA
.6µs
1.3µs
WDT Reset
Start
Stop
X40030, X40031, X40034, X40035


Similar Part No. - X40030V14-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40030V14-A INTERSIL-X40030V14-A Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030V14-A RENESAS-X40030V14-A Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40030V14-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com