Electronic Components Datasheet Search |
|
X40030V14-A Datasheet(PDF) 8 Page - Intersil Corporation |
|
X40030V14-A Datasheet(HTML) 8 Page - Intersil Corporation |
8 / 21 page 8 FN8114.0 April 28, 2005 WD1, WD0: Watchdog Timer Bits (Nonvolatile) The bits WD1 and WD0 control the period of the Watchdog Timer. The options are shown below. Writing to the Control Registers Changing any of the nonvolatile bits of the control and trickle registers requires the following steps: – Write a 02H to the Control Register to set the Write Enable Latch (WEL). This is a volatile operation, so there is no delay after the write. (Operation pre- ceded by a start and ended with a stop). – Write a 06H to the Control Register to set the Register Write Enable Latch (RWEL) and the WEL bit. This is also a volatile cycle. The zeros in the data byte are required. (Operation proceeded by a start and ended with a stop). – Write one byte value to the Control Register that has all the control bits set to the desired state. The Con- trol register can be represented as qxys 001r in binary, where xy are the WD bits, s is the BP bit and qr are the power up bits. This operation proceeded by a start and ended with a stop bit. Since this is a nonvolatile write cycle it will take up to 10ms (max.) to complete. The RWEL bit is reset by this cycle and the sequence must be repeated to change the non- volatile bits again. If bit 2 is set to ‘1’ in this third step (qxys 011r) then the RWEL bit is set, but the WD1, WD0, PUP1, PUP0, and BP bits remain unchanged. Writing a second byte to the control register is not allowed. Doing so aborts the write operation and returns a NACK. – A read operation occurring between any of the previ- ous operations will not interrupt the register write operation. – The RWEL bit cannot be reset without writing to the nonvolatile control bits in the control register, or power cycling the device or attempting a write to a write protected block. To illustrate, a sequence of writes to the device con- sisting of [02H, 06H, 02H] will reset all of the nonvola- tile bits in the Control Register to 0. A sequence of [02H, 06H, 06H] will leave the nonvolatile bits unchanged and the RWEL bit remains set. Notes: 1. tPURST is set to 200ms as factory default. 2. Watch Dog Timer bits are shipped disabled. FAULT DETECTION REGISTER (FDR) The Fault Detection Register provides the user the status of what causes the system reset active. The Manual Reset Fail, Watchdog Timer Fail and Three Low Voltage Fail bits are volatile The FDR is accessed with a special preamble in the slave byte (1011) and is located at address 0FFh. It can only be modified by performing a byte write opera- tion directly to the address of the register and only one data byte is allowed for each register write operation. There is no need to set the WEL or RWEL in the control register to access this FDR. WD1 WD0 Watchdog Time Out Period 0 0 1.4 seconds 0 1 200 milliseconds 1 0 25 milliseconds 1 1 disabled (factory setting) 7 6543 2 1 0 LV1F LV2F LV3F WDF MRF 0 0 0 X40030, X40031, X40034, X40035 |
Similar Part No. - X40030V14-A |
|
Similar Description - X40030V14-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |