Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9428YVI-2.7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9428YVI-2.7
Description  Single Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9428YVI-2.7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9428YVI-2.7 Datasheet HTML 6Page - Intersil Corporation X9428YVI-2.7 Datasheet HTML 7Page - Intersil Corporation X9428YVI-2.7 Datasheet HTML 8Page - Intersil Corporation X9428YVI-2.7 Datasheet HTML 9Page - Intersil Corporation X9428YVI-2.7 Datasheet HTML 10Page - Intersil Corporation X9428YVI-2.7 Datasheet HTML 11Page - Intersil Corporation X9428YVI-2.7 Datasheet HTML 12Page - Intersil Corporation X9428YVI-2.7 Datasheet HTML 13Page - Intersil Corporation X9428YVI-2.7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8197.0
March 8, 2005
XFR Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
SYMBOL TABLE
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
register
addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
01 01
A
3
A
2
0
A
0
1 110
R
1
R
0
00
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
S
A
C
K
increment/decrement
(sent by master on SDA)
S
T
O
P
01
01
A
3
A
2
0
A
0
0
0
1
000
00
I/
D
I/
D
..
..
I/
D
I/
D
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
120
100
80
40
60
20
20
40
60
80 100 120
0
0
Bus Capacitance (pF)
Min.
Resistance
Max.
Resistance
RMAX=
CBUS
tR
RMIN =
IOL MIN
VCC MAX
=1.8k
X9428


Similar Part No. - X9428YVI-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9428YVI-2.7 XICOR-X9428YVI-2.7 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results

Similar Description - X9428YVI-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com