Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9429WV14I-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9429WV14I-2.7
Description  Single Digitally Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9429WV14I-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9429WV14I-2.7 Datasheet HTML 2Page - Intersil Corporation X9429WV14I-2.7 Datasheet HTML 3Page - Intersil Corporation X9429WV14I-2.7 Datasheet HTML 4Page - Intersil Corporation X9429WV14I-2.7 Datasheet HTML 5Page - Intersil Corporation X9429WV14I-2.7 Datasheet HTML 6Page - Intersil Corporation X9429WV14I-2.7 Datasheet HTML 7Page - Intersil Corporation X9429WV14I-2.7 Datasheet HTML 8Page - Intersil Corporation X9429WV14I-2.7 Datasheet HTML 9Page - Intersil Corporation X9429WV14I-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6
FN8248.2
October 19, 2005
Acknowledge Polling
The disabling of the inputs, during the internal
nonvolatile write operation, can be used to take
advantage of the typical 5ms EEPROM write cycle
time. Once the stop condition is issued to indicate the
end of the nonvolatile write command the X9429
initiates the internal write cycle. ACK polling can be
initiated immediately. This involves issuing the start
condition followed by the device slave address. If the
X9429 is still busy with the write operation no ACK will
be returned. If the X9429 has completed the write
operation an ACK will be returned, and the master can
then proceed with the next operation.
Instruction Structure
The next byte sent to the X9429 contains the instruction
and register pointer information. The four most
significant bits are the instruction. The next four bits
point to one of four associated registers. The format is
shown below in Figure 2.
Figure 2. Instruction Byte Format
Flow 1. ACK Polling Sequence
The four high order bits define the instruction. The
next two bits (R1 and R0) select one of the four
registers that is to be acted upon when a register
oriented instruction is issued. Bits 0 and 1 are defined
to be 0.
Four
of
the
seven
instructions
end
with
the
transmission of the instruction byte. The basic
sequence is illustrated in Figure 3. These two-byte
instructions
exchange
data
between
the
Wiper
Counter Register and one of the Data Registers. A
transfer from a Data Register to a Wiper Counter
Register is essentially a write to a static RAM. The
response of the wiper to this action will be delayed
tWRL. A transfer from the Wiper Counter Register
(current wiper position), to a Data Register is a write to
nonvolatile memory and takes a minimum of tWR to
complete.
Four instructions require a three-byte sequence to
complete. These instructions transfer data between the
host and the X9429; either between the host and one of
the Data Registers or directly between the host and the
Wiper Counter Register. These instructions are:
I1
I2
I3
I0
R1
R0
0
0
Register
Select
Instructions
Nonvolatile Write
Command Completed
Enter ACK Polling
Issue
START
Issue Slave
Address
ACK
Returned?
Further
Operation?
Issue
Instruction
Issue STOP
NO
YES
YES
Proceed
Issue STOP
NO
Proceed
X9429


Similar Part No. - X9429WV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9429WV14I-2.7 INTERSIL-X9429WV14I-2.7 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
More results

Similar Description - X9429WV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com