Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317US8Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9317US8Z
Description  Low Noise, Low Power, 100 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317US8Z Datasheet(HTML) 1 Page - Intersil Corporation

  X9317US8Z Datasheet HTML 1Page - Intersil Corporation X9317US8Z Datasheet HTML 2Page - Intersil Corporation X9317US8Z Datasheet HTML 3Page - Intersil Corporation X9317US8Z Datasheet HTML 4Page - Intersil Corporation X9317US8Z Datasheet HTML 5Page - Intersil Corporation X9317US8Z Datasheet HTML 6Page - Intersil Corporation X9317US8Z Datasheet HTML 7Page - Intersil Corporation X9317US8Z Datasheet HTML 8Page - Intersil Corporation X9317US8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN8183.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas, Inc. Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
X9317
Low Noise, Low Power, 100 Taps
Digitally Controlled Potentiometer
(XDCP™)
The Intersil X9317 is a digitally controlled potentiometer
(XDCP). The device consists of a resistor array, wiper
switches, a control section, and nonvolatile memory. The
wiper position is controlled by a 3-wire interface.
The potentiometer is implemented by a resistor array
composed of 99 resistive elements and a wiper switching
network. Between each element and at either end are tap
points accessible to the wiper terminal. The position of the
wiper element is controlled by the CS, U/D, and INC inputs.
The position of the wiper can be stored in nonvolatile
memory and then be recalled upon a subsequent power-up
operation.
The device can be used as a three-terminal potentiometer
for voltage control or as a two-terminal variable resistor for
current control in a wide variety of applications.
Features
• Solid-State Potentiometer
• 3-Wire Serial Up/Down Interface
• 100 Wiper Tap Points
- Wiper position stored in nonvolatile memory and
recalled on power-up
• 99 Resistive Elements
- Temperature compensated
- End to end resistance range ±20%
• Low Power CMOS
-VCC = 2.7V to 5.5V, and 5V ±10%
- Standby current < 1µA
• High Reliability
- Endurance, 100,000 data changes per bit
- Register data retention, 100 years
•RTOTAL Values = 1kΩ, 10kΩ, 50kΩ, 100kΩ
• Packages
- 8 Ld SOIC, DIP, TSSOP, and MSOP
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• LCD Bias Control
• DC Bias Adjustment
• Gain and Offset Trim
• Laser Diode Bias Control
• Voltage Regulator Output Control
Pinouts
X9317
(8 LD TSSOP)
TOP VIEW
X9317
(8 LD DIP, 8 LD SOIC, 8 LD MSOP)
TOP VIEW
INC
RL/VL
CS
VCC
1
2
3
4
8
7
6
5
X9317
U/D
RW/VW
VSS
RH/VH
RH
VCC
INC
U/D
1
2
3
4
8
7
6
5
X9317
VSS
CS
RL
RW
Data Sheet
September 9, 2005


Similar Part No. - X9317US8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317US8Z INTERSIL-X9317US8Z Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317US8Z INTERSIL-X9317US8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317US8Z RENESAS-X9317US8Z Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317US8Z-2.7 INTERSIL-X9317US8Z-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317US8Z-2.7 INTERSIL-X9317US8Z-2.7 Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
More results

Similar Description - X9317US8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
X9315 INTERSIL-X9315 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com