Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9448YP24I-2.7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9448YP24I-2.7
Description  Mixed Signal with 2-Wire Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9448YP24I-2.7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9448YP24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9448YP24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9448YP24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9448YP24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9448YP24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9448YP24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9448YP24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9448YP24I-2.7 Datasheet HTML 10Page - Intersil Corporation X9448YP24I-2.7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN8201.0
April 18, 2005
Write Data Register (DR)
Write new value to the Register pointed to by P1 - P0 and R1 - R0.
Transfer Data Register to Wiper Counter Register or Analog Control Register
Transfer the contents of the Register pointed to by R1 - R0 to the WCR or ACR pointed to by P1 - P0.
Transfer Wiper Counter or Analog Control Register to Data Register
Transfer the contents of the WCR or ACR pointed to by P1 - P0 to the Register pointed to by R1 - R0.
Global Transfer Data Register to Wiper Counter or Analog Control Register
Transfer the contents of all four Data Registers pointed to by R1 - R0 to their respective WCR or ACR.
Global Transfer Wiper Counter or Analog Control Register to Data Register
Transfer the contents of all WCRs and ACRs to their respective data Registers pointed to by R1 - R0.
Increment/Decrement Wiper Counter Register
Enable Increment/decrement of the WCR pointed to by P1 - P0.
P1 P0: 00 or 01 only.
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR/ACR/DR
addresses
S
A
C
K
register data
(sent by master on SDA)
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
010 1
A
3
A
2
A
1
A
0
1100
R
1
R
0
P
1
P
0
00
D
5
D
4
D
3
D
2
D
1
D
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR/ACR/DR
addresses
S
A
C
K
S
T
O
P
01 01
A
3
A
2
A
1
A
0
1 101
R
1
R
0
P
1
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR/ACR/DR
addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
01
01
A
3
A
2
A
1
A
0
11
10
R
1
R
0
P
1
P
0
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR
addresses
S
A
C
K
S
T
O
P
0
101
A
3
A
2
A
1
A
0
00
0
1
R
1
R
0
00
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
DR
addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0101
A
3
A
2
A
1
A
0
1000
R
1
R
0
00
S
T
A
R
T
device type
identifier
device
addresses
S
A
C
K
instruction
opcode
WCR
addresses
S
A
C
K
increment/decrement
(sent by master on SDA)
S
T
O
P
01
01
A
3
A
2
A
1
A
0
00
10
0
0
P
1
P
0
I/
D
I/
D
..
..
I/
D
I/
D
X9448


Similar Part No. - X9448YP24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
logo
Renesas Technology Corp
X9448 RENESAS-X9448 Datasheet
762Kb / 19P
   Mixed Signal with 2-Wire Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
logo
Xicor Inc.
X9448-2.7 XICOR-X9448-2.7 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
More results

Similar Description - X9448YP24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
   Mixed Signal with 2-Wire Interface
logo
Intersil Corporation
X9440 INTERSIL-X9440 Datasheet
363Kb / 21P
   Mixed Signal with SPI Interface
logo
Renesas Technology Corp
X9448 RENESAS-X9448 Datasheet
762Kb / 19P
   Mixed Signal with 2-Wire Interface Dual Digitally Controlled Potentiometer (XDCP?? & Voltage Comparator
logo
Maxim Integrated Produc...
MAXQ2010 MAXIM-MAXQ2010 Datasheet
443Kb / 34P
   16-Bit Mixed-Signal Microcontroller with LCD Interface
Rev 1; 12/08
logo
Texas Instruments
MSPM0G3107 TI-MSPM0G3107 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G310x Mixed-Signal Microcontrollers with CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507 Datasheet
1Mb / 11P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
MSPM0G3507 TI-MSPM0G3507_V02 Datasheet
2Mb / 96P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED JUNE 2023
MSPM0G3507 TI-MSPM0G3507_V03 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
MSPM0G3507 TI1-MSPM0G3507_V04 Datasheet
1Mb / 82P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
REVISED OCTOBER 2023
MSPM0G3507 TI-MSPM0G3507_V01 Datasheet
1Mb / 25P
[Old version datasheet]   MSPM0G350x Mixed-Signal Microcontrollers With CAN-FD Interface
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com