Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV829BSG Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV829BSG
Description  High Voltage EL Lamp Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV829BSG Datasheet(HTML) 2 Page - Supertex, Inc

  HV829BSG Datasheet HTML 1Page - Supertex, Inc HV829BSG Datasheet HTML 2Page - Supertex, Inc HV829BSG Datasheet HTML 3Page - Supertex, Inc HV829BSG Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
HV829A/B
e
c
i
v
e
Dy
c
n
e
u
q
e
r
F
L
E
t
u
p
t
u
O
e
g
a
k
c
a
P
g
u
l
S
t
a
e
H
/
w
8
-
O
Se
i
D
A
9
2
8
V
H4
6
/
r
o
t
a
ll
i
c
s
o
w
SG
S
A
9
2
8
V
HX
A
9
2
8
V
H
B
9
2
8
V
H8
2
1
/
r
o
t
a
ll
i
c
s
o
w
SG
S
B
9
2
8
V
HX
A
9
2
8
V
H
Ordering Information
** Mounted on FR4 board, 25mm x 25mm x 1.57mm.
Absolute Maximum Ratings*
Input Voltage to the external Inductor
+18V
V
DD
+7.0V
Output voltage, V
CS
-.05V to +250V
Operating Temperature
-25°C to +85°C
Storage Temperature
-65°C to +150°C
Power Dissipation
1.5W
*Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Suggested Pin Configuration
V
DD
V
A
R
SW
V
B
VREG
Gate
GND
C
S
1
2
3
4
8
7
6
5
MSOP-8
Top View
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
V
S
C
e
g
a
t
l
o
v
n
o
i
t
a
l
u
g
e
r
t
u
p
t
u
o
.
x
a
M
V
(
D
D
)
d
a
o
l
o
N
,
V
5
.
5
o
t
7
.
2
=
2
40
58
5
V
V
G
E
R
V
5
7
.
0
=
0
90
0
10
1
1V
G
E
R
V
5
.
1
=
5
3
10
5
15
6
1V
G
E
R
V
5
2
.
2
=
0
8
10
0
20
2
2V
G
E
R
V
0
.
3
=
f
w
s
y
c
n
e
u
q
e
r
f
g
n
i
h
c
t
i
w
s
r
o
t
c
u
d
n
I0
25
20
3z
H
K
V
S
C
C
,
V
0
5
1
=
L
R
,
F
n
7
5
=
C
S
O
-
W
S
,
M
1
=
.
1
e
r
u
g
i
F
e
e
S
I
Q
D
D
V
t
n
e
c
s
e
i
u
Q
D
D
t
n
e
r
r
u
c
y
l
p
p
u
s0
0
4A
n
I
D
D
V
e
h
t
o
t
n
i
g
n
i
o
g
t
n
e
r
r
u
c
t
u
p
n
I
D
D
n
i
p0
0
4A
µ
I
N
I
t
n
e
r
r
u
c
r
o
t
c
u
d
n
i
g
n
i
d
u
l
c
n
i
t
n
e
r
r
u
c
t
u
p
n
I5
9
1A
m
I
Q
N
I
)
d
a
o
l
o
n
(
t
n
e
r
r
u
c
y
l
p
p
u
s
t
n
e
c
s
e
i
u
Q
0
0
2A
µ
V
S
C
R
,
V
0
5
1
=
C
S
O
-
W
S
M
1
=
0
0
1A
µ
V
A
V
B
e
h
t
s
s
o
r
c
a
e
g
a
t
l
o
v
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
p
m
a
l
4
80
0
16
1
1
V
V
G
E
R
V
5
7
.
0
=
0
8
10
0
20
2
2V
G
E
R
V
5
.
1
=
0
7
20
0
30
3
3V
G
E
R
V
5
2
.
2
=
0
8
30
0
40
4
4V
G
E
R
V
0
.
3
=
s
n
o
i
t
i
d
n
o
C
g
n
i
t
a
r
e
p
O
d
e
d
n
e
m
m
o
c
e
R
f
W
S
y
c
n
e
u
q
e
r
f
g
n
i
h
c
t
i
w
s
r
o
t
c
u
d
n
I2
.
1
54
68
.
6
7
z
H
KR
c
s
o
-
W
S
C
,
0
0
4
=
L
F
n
0
7
=
f
L
E
y
c
n
e
u
q
e
r
f
e
v
i
r
d
t
u
p
t
u
O8
.
00
.
12
.
1
t
R
e
m
i
t
e
s
i
r
t
u
p
t
u
O5
3
20
0
35
6
3
s
µ
V
S
C
R
,
V
0
0
2
=
c
s
o
-
W
S
C
,
0
0
4
=
L
,
F
n
0
7
=
f
L
E
z
H
K
1
=
t
F
e
m
i
t
ll
a
f
t
u
p
t
u
O5
3
20
0
35
6
3
t
e
t
a
G
-
r
e
m
i
t
e
s
i
r
e
t
a
G0
5
1
s
nC
G
D
N
G
o
t
e
t
a
G
F
p
0
0
5
2
=
t
e
t
a
G
-
f
e
m
i
t
ll
a
f
e
t
a
G0
5
Electrical Characteristics
DC Characteristics (Over recommended operating conditions unless otherwise specified, T
A=25°C).


Similar Part No. - HV829BSG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV823LG SUTEX-HV823LG Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
More results

Similar Description - HV829BSG

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
   High-Voltage EL Lamp Driver
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
   High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
   High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
   High Voltage EL Lamp Driver
logo
Clare, Inc.
CPC6826 CLARE-CPC6826 Datasheet
821Kb / 12P
   High Voltage EL Lamp Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com