Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD202B Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # PD202B
Description  3mm Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD202B Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PD202B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD202B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD202B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD202B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD202B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD202B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD202B Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DPD-020-032
REV :
1.1
ECN :
PAGE :
3/7
3mm Silicon PIN Photodiode
MODEL NO :
PD202B
 Absolute Maximum Ratings at TA = 25




Parameter
Symbol
Rating
Unit
Notice
Reverse Voltage
V
R
32
V
Power Dissipation
Pd
150
mW
Lead Soldering Temperature
Tsol
260

4mm from mold body
less than 5 seconds
Operating Temperature
Topr
-25 ~ +85

Storage Temperature
Tstg
-40 ~ +85

 Electronic Optical Characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Rang of Spectral
Bandwidth

0.5
----
840-1200
----
nm
--------------
Wavelength of
Peak Sensitivity

P
----
980
----
nm
--------------
Open-Circuit Voltage
Voc
----
0.42
----
V
Short-Circuit Current
Isc
----
15
----
!A
Ee=5m W/c

"p=940nm
Reverse Light Current
I
L
----
15
----
!A
Ee=5m W/c

"p=940nm
V
R=5V
Dark Current
Id
----
----
10
nA
Ee=0m W/c

V
R=10V
Reverse Breakdown
Voltage
BV
R
32
170
----
V
Ee=0m W/c

I
R=100µA
Total Capacitance
Ct
----
5
----
pF
Ee=0m W/c

V
R=5V,f=1MHz
Rise/Fall Time
t
r/tf
----
6/6
----
nS
V
R=10V
R
L=1K



Similar Part No. - PD202B

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PD20 EDI-PD20 Datasheet
69Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
Tyco Electronics
PD20-0010-S MACOM-PD20-0010-S Datasheet
22Kb / 1P
   Three-Way In-Phase Power Divider 25 - 1000 MHz
logo
Vishay Siliconix
PD200 VISHAY-PD200 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
STMicroelectronics
PD20010-E STMICROELECTRONICS-PD20010-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
PD20010S-E STMICROELECTRONICS-PD20010S-E Datasheet
240Kb / 13P
   RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
May 2012 Rev 2
More results

Similar Description - PD202B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD204-6B-L3 EVERLIGHT-PD204-6B-L3 Datasheet
161Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD204-6B EVERLIGHT-PD204-6B_05 Datasheet
146Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD204-6C EVERLIGHT-PD204-6C Datasheet
126Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD264-6C EVERLIGHT-PD264-6C Datasheet
454Kb / 7P
   3mm Silicon PIN Photodiode,T-1
PD204-6C-L3 EVERLIGHT-PD204-6C-L3 Datasheet
135Kb / 7P
   3mm Silicon PIN Photodiode T-1
PD204-6B EVERLIGHT-PD204-6B Datasheet
140Kb / 7P
   3mm Silicon PIN Photodiode T-1
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com