Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40237 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X40237
Description  Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40237 Datasheet(HTML) 2 Page - Intersil Corporation

  X40237 Datasheet HTML 1Page - Intersil Corporation X40237 Datasheet HTML 2Page - Intersil Corporation X40237 Datasheet HTML 3Page - Intersil Corporation X40237 Datasheet HTML 4Page - Intersil Corporation X40237 Datasheet HTML 5Page - Intersil Corporation X40237 Datasheet HTML 6Page - Intersil Corporation X40237 Datasheet HTML 7Page - Intersil Corporation X40237 Datasheet HTML 8Page - Intersil Corporation X40237 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
FN8115.0
April 11, 2005
PIN CONFIGURATION
V2MON
V3MON
NC
3
4
VCC
SDA
RH0
RW0
VSS
7
8
V3FAIL
NC
1
14
15
13
16
10
11
9
12
WP
6
NC
2
MR
5
SCL
RESET
V2FAIL
16 Pin SOIC
X40231
V2MON
V3MON
RW1
3
4
VCC
SDA
RH1
NC
VSS
7
8
V3FAIL
NC
1
14
15
13
16
10
11
9
12
WP
6
NC
2
MR
5
SCL
RESET
V2FAIL
16 Pin SOIC
X40233
V2MON
V3MON
NC
3
4
VCC
SDA
NC
NC
VSS
7
8
V3FAIL
RH2
1
14
15
13
16
10
11
9
12
WP
6
RW2
2
MR
5
SCL
RESET
V2FAIL
16 Pin SOIC
X40235
V2MON
V3MON
NC
3
4
VCC
SDA
RH0
RW0
VSS
7
8
V3FAIL
RH2
1
14
15
13
16
10
11
9
12
WP
6
RW2
2
MR
5
SCL
RESET
V2FAIL
16 Pin SOIC
X40237
V2MON
V3MON
RW1
3
4
VCC
SDA
RH1
NC
VSS
7
8
V3FAIL
RH2
1
14
15
13
16
10
11
9
12
WP
6
RW2
2
MR
5
SCL
RESET
V2FAIL
16 Pin SOIC
X40239
SINGLE XDCP
DUAL XDCP
X40231, X40233, X40235, X40237, X40239


Similar Part No. - X40237

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40237 RENESAS-X40237 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
X40237S16I-A RENESAS-X40237S16I-A Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
X40237S16I-B RENESAS-X40237S16I-B Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
More results

Similar Description - X40237

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Intersil Corporation
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Intersil Corporation
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9521 INTERSIL-X9521_06 Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com