Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315WSI-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9315WSI-2.7
Description  Low Noise, Low Power, 32 Taps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9315WSI-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9315WSI-2.7 Datasheet HTML 5Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 6Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 7Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 8Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 9Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 10Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 11Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 12Page - Intersil Corporation X9315WSI-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN8179.1
September 15, 2005
Typical Rtotal vs. Temperature
Typical Total Resistance Temperature Coefficient
Typical Wiper Resistance
10000
9800
9600
9400
9200
9000
8800
8600
8400
8200
8000
-55
-45
-35
-25
-15
-5
5
15
25
35
45
55
65
75
Temperature
85
95
105
115 125 C°
-55
-350
-300
-250
-200
-150
-100
-50
0
-45
-35
-25
-15
-5
5
15
25
35
Temperature
PPM
45
55
65
75
85
95
105
115
125
°C
0
0
100
200
300
400
500
600
700
800
2
4
6
8
10
12
14
16
Tap
18
20
22
24
26
28
30
32
VCC = 2.7V
X9315


Similar Part No. - X9315WSI-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9315WSI-2.7 XICOR-X9315WSI-2.7 Datasheet
73Kb / 13P
   E 2 POT TM Nonvolatile Digital Potentiometer
logo
Renesas Technology Corp
X9315WSI-2.7T1 RENESAS-X9315WSI-2.7T1 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9315WSI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
logo
Renesas Technology Corp
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com