Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317UV8I Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9317UV8I
Description  Low Noise, Low Power, 100 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317UV8I Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9317UV8I Datasheet HTML 4Page - Intersil Corporation X9317UV8I Datasheet HTML 5Page - Intersil Corporation X9317UV8I Datasheet HTML 6Page - Intersil Corporation X9317UV8I Datasheet HTML 7Page - Intersil Corporation X9317UV8I Datasheet HTML 8Page - Intersil Corporation X9317UV8I Datasheet HTML 9Page - Intersil Corporation X9317UV8I Datasheet HTML 10Page - Intersil Corporation X9317UV8I Datasheet HTML 11Page - Intersil Corporation X9317UV8I Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN8183.1
September 9, 2005
Power Up and Down Requirements
The recommended power up sequence is to apply VCC/VSS
first, then the potentiometer voltages. During power-up, the
data sheet parameters for the DCP do not fully apply until 1
millisecond after VCC reaches its final value. The VCC ramp
spec is always in effect. In order to prevent unwanted tap
position changes, or an inadvertent store, bring the CS and
INC high before or concurrently with the VCC pin on
powerup.
AC Timing
Typical Performance Characteristics
tCYC
INC cycle time
2
µs
tR, tF
(Note 5)
INC input rise and fall time
500
µs
tPU (Note 5) Power up to wiper stable
5µs
tR VCC
(Note 5)
VCC power-up rate
0.2
50
V/ms
tWR
Store Cycle
510
ms
AC Electrical Specifications
VCC = 5V ±10%, TA = Full Operating Temperature Range unless otherwise stated (Continued)
SYMBOL
PARAMETER
MIN
TYP (Note 4)
MAX
UNIT
CS
INC
U/D
RW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
(3)
tIC
tCPHS
tF
tR
10%
90%
90%
tCPHNS
-55
-350
-300
-250
-200
-150
-100
-50
0
-45 -35 -25 -15 -5 5 15 25 35
TEMPERATURE (°C)
45 55 65 75 85 95 105115125
FIGURE 1. TYPICAL TOTAL RESISTANCE TEMPERATURE
COEFFICIENT
X9317


Similar Part No. - X9317UV8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317UV8IZ INTERSIL-X9317UV8IZ Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317UV8IZ INTERSIL-X9317UV8IZ Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
logo
Renesas Technology Corp
X9317UV8IZ RENESAS-X9317UV8IZ Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317UV8IZ-2.7 INTERSIL-X9317UV8IZ-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
X9317UV8IZ-2.7 INTERSIL-X9317UV8IZ-2.7 Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
More results

Similar Description - X9317UV8I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
X9315 INTERSIL-X9315 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com