Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40030V14I-C Datasheet(PDF) 2 Page - Intersil Corporation

Part # X40030V14I-C
Description  Triple Voltage Monitor with Intergrated CPU Supervisor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40030V14I-C Datasheet(HTML) 2 Page - Intersil Corporation

  X40030V14I-C Datasheet HTML 1Page - Intersil Corporation X40030V14I-C Datasheet HTML 2Page - Intersil Corporation X40030V14I-C Datasheet HTML 3Page - Intersil Corporation X40030V14I-C Datasheet HTML 4Page - Intersil Corporation X40030V14I-C Datasheet HTML 5Page - Intersil Corporation X40030V14I-C Datasheet HTML 6Page - Intersil Corporation X40030V14I-C Datasheet HTML 7Page - Intersil Corporation X40030V14I-C Datasheet HTML 8Page - Intersil Corporation X40030V14I-C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN8114.0
April 28, 2005
A manual reset input provides debounce circuitry for
minimum reset component count.
The Watchdog Timer provides an independent protec-
tion mechanism for microcontrollers. When the micro-
controller fails to restart a timer within a selectable
time out interval, the device activates the WDO signal.
The user selects the interval from three preset values.
Once selected, the interval does not change, even
after cycling the power.
*Voltage monitor requires VCC to operate. Others are independent of VCC
PIN CONFIGURATION
Device
Expected System
Voltages
Vtrip1
(V)
Vtrip2
(V)
Vtrip3
(V)
POR
(system)
X40030, X40031
-A
-B
-C
5V; 3V or3.3V; 1.8V
5V; 3V; 1.8V
3.3V; 2.5V; 1.8V
2.0-4.75*
4.55-4.65*
4.35-4.45*
2.95-3.05*
1.70-4.75
2.85-2.95
2.55-2.65
2.15-2.25
1.70-4.75
1.65-1.75
1.65-1.75
1.65-1.75
RESET = X40030
RESET = X40031
X40034, X40035
-A
-B
-C
5V; 3.3V; 1.5V
5V; 3V or 3.3V; 1.5V
5V; 3V or 3.3V; 1.2V
2.0-4.75*
4.55-4.65*
4.55-4.65*
4.55-4.65*
0.90-3.50
1.25-1.35
1.25-1.35
0.95-1.05
1.70-4.75
3.05-3.15
2.85-2.95
2.85-2.95
RESET = X40030
RESET = X40031
V3MON
VSS
VCC
SDA
SCL
3
2
4
1
12
13
11
14
LOWLINE
NC
RESET
7
6
5
8
9
10
V2MON
MR
WP
3
2
4
1
12
13
11
14
7
6
5
8
9
10
V3FAIL
WDO
V2FAIL
V3MON
VCC
SDA
SCL
WP
V3FAIL
WDO
VSS
LOWLINE
NC
RESET
V2MON
MR
V2FAIL
X40030, X40034
X40031, X40035
14-Pin SOIC, TSSOP
14-Pin SOIC, TSSOP
PIN DESCRIPTION
Pin
Name
Function
1V2FAIL
V2 Voltage Fail Output. This open drain output goes LOW when V2MON is less than VTRIP2 and
goes HIGH when V2MON exceeds VTRIP2. There is no power up reset delay circuitry on this pin.
2V2MON
V2 Voltage Monitor Input. When the V2MON input is less than the VTRIP2 voltage, V2FAIL goes
LOW. This input can monitor an unregulated power supply with an external resistor divider or can
monitor a second power supply with no external components. Connect V2MON to VSS or VCC when
not used. The V2MON comparator is supplied by V2MON (X40030, X40031) or by the VCC input
(X40034, X40035).
3LOWLINE
Early Low VCC Detect. This CMOS output signal goes LOW when VCC < VTRIP1 and goes high
when
VCC > VTRIP1.
4
NC
No connect.
5MR
Manual Reset Input. Pulling the MR pin LOW initiates a system reset. The RESET/RESET pin will
remain HIGH/LOW until the pin is released and for the tPURST thereafter.
6
RESET/
RESET
RESET Output. (X40031, X40035) This open drain pin is an active LOW output which goes LOW
whenever VCC falls below VTRIP1 voltage or if manual reset is asserted. This output stays active
for the programmed time period (tPURST) on power up. It will also stay active until manual reset is
released and for tPURST thereafter.
RESET Output. (X40030, X40034) This pin is an active HIGH CMOS output which goes HIGH
whenever VCC falls below VTRIP1 voltage or if manual reset is asserted. This output stays active
for the programmed time period (tPURST) on power up. It will also stay active until manual reset is
released and for tPURST thereafter.
X40030, X40031, X40034, X40035


Similar Part No. - X40030V14I-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40030V14I-C INTERSIL-X40030V14I-C Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030V14I-C INTERSIL-X40030V14I-C Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030V14I-C RENESAS-X40030V14I-C Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40030V14I-C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com