Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM7101-GC-EN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDM7101-GC-EN
Description  Technical Specification for Optical Transceiver Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SDM7101-GC-EN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDM7101-GC-EN Datasheet HTML 1Page - List of Unclassifed Manufacturers SDM7101-GC-EN Datasheet HTML 2Page - List of Unclassifed Manufacturers SDM7101-GC-EN Datasheet HTML 3Page - List of Unclassifed Manufacturers SDM7101-GC-EN Datasheet HTML 4Page - List of Unclassifed Manufacturers SDM7101-GC-EN Datasheet HTML 5Page - List of Unclassifed Manufacturers SDM7101-GC-EN Datasheet HTML 6Page - List of Unclassifed Manufacturers SDM7101-GC-EN Datasheet HTML 7Page - List of Unclassifed Manufacturers SDM7101-GC-EN Datasheet HTML 8Page - List of Unclassifed Manufacturers SDM7101-GC-EN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
- 2 / 9 -
(SDM7101-XC,SDM7101-XC)
Specification:TS-S97D022C
Date : August , 2000
1. General
SDM7101-XC / SDM7101-XC-W is a series of compact and high speed performance digital optical transceiver
module ideally designed for versatile high speed network applications. 1300nm high speed InGaAsP FP-LD and
InGaAs PIN-PD are provided as a light source and a detector, respectively. Transceiver module has PC board
mountablepackagewithelectricalandopticalinterfaces.
* Data Rate
155.52Mbps,NRZ
* Duty Cycle
50%
* Power Supply Voltage
Single+5.0V
*ElectricalInterface
PECL
* Fiber Coupled Power
-8 ~ -15dBm (Typ. -11dBm) for SMF
*Sensitivity
~ -34dBm (Typ. -38dBm)
* Connector Interface
SC Duplex Connector
The features of SDM7101-XC / SDM7101-XC-W are listed below.
* Features
LowPowerConsumption
Low Profile (9.8mm Max) Plastic Molded Package
Multi-sourcedFootprint
Transmitter......
Uncooled Laser with Automatic Power Control IC
Class 1 Laser Product (IEC 825-1 and FDA 21 CFR 1040.10 and 1040.11)
Receiver.........
Wide Dynamic Range
Signal Detect (FLAG) Function
2. Block Diagram
Figure 1-1. Block Diagram(Transmitter )
TD
TDb
Peak Hold
Circuit
Comparator
Front-End
Amplifier
Limiting
Amplifier
Output
Buffer
Pin PD
RD
RDb
SD
Figure 1-2. Block Diagram(Receiver )
LD
Monitor
Pin PD
LD
Driver
Automatic
Power
Control
Bias
Current
Control
Current
Source
Modulation
Current
Control


Similar Part No. - SDM7101-GC-EN

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
SDM7-M-7P180D-DP APACER-SDM7-M-7P180D-DP Datasheet
694Kb / 4P
   SATA Disk Module 7 7Pin/180 Degree DP
SDM7-SL-7P180D-DP APACER-SDM7-SL-7P180D-DP Datasheet
721Kb / 4P
   SATA Disk Module 7 7Pin/180 Degree DP
More results

Similar Description - SDM7101-GC-EN

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0110YP SHARP-GP2W0110YP Datasheet
700Kb / 24P
   TECHNICAL LITERATURE FOR Optical Data communication transceiver
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
   Optical Transceiver Module for IrDA
logo
OPTREX CORPORATION
F-51373GNC-LW-AJ OPTREX-F-51373GNC-LW-AJ Datasheet
595Kb / 20P
   LCD MODULE TECHNICAL SPECIFICATION FOR TRIAL
F-51477GNF-SLY-AA OPTREX-F-51477GNF-SLY-AA Datasheet
478Kb / 18P
   LCD MODULE TECHNICAL SPECIFICATION
T-51382D064-FW-P-AB OPTREX-T-51382D064-FW-P-AB Datasheet
125Kb / 17P
   LCD Module Technical Specification
DMF5005NF OPTREX-DMF5005NF Datasheet
79Kb / 17P
   LCD Module Technical Specification
logo
Kyocera Kinseki Corpota...
T-51750GD065J-FW-APN KSS-T-51750GD065J-FW-APN Datasheet
834Kb / 30P
   LCD Module Technical Specification
T-55620GD057JU-LW-AAN KSS-T-55620GD057JU-LW-AAN Datasheet
1Mb / 29P
   LCD Module Technical Specification
logo
List of Unclassifed Man...
T-51513D104J-FW-A-AD ETC2-T-51513D104J-FW-A-AD Datasheet
671Kb / 17P
   LCD Module Technical Specification
logo
OPTREX CORPORATION
C-51505NJQJ-LR-AG OPTREX-C-51505NJQJ-LR-AG Datasheet
79Kb / 18P
   LCD Module Technical Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com