Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40231S169-A Datasheet(PDF) 10 Page - Intersil Corporation

Part # X40231S169-A
Description  Triple Voltage Monitors, POR, 2 kbit EEPROM MEMORY, and Single/Dual DCP
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40231S169-A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X40231S169-A Datasheet HTML 6Page - Intersil Corporation X40231S169-A Datasheet HTML 7Page - Intersil Corporation X40231S169-A Datasheet HTML 8Page - Intersil Corporation X40231S169-A Datasheet HTML 9Page - Intersil Corporation X40231S169-A Datasheet HTML 10Page - Intersil Corporation X40231S169-A Datasheet HTML 11Page - Intersil Corporation X40231S169-A Datasheet HTML 12Page - Intersil Corporation X40231S169-A Datasheet HTML 13Page - Intersil Corporation X40231S169-A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
FN8115.0
April 11, 2005
Depending upon the operation to be performed on
each of these individual parts, a 1, 2 or 3 Byte protocol
is used. All operations however must begin with the
Slave Address Byte being issued on the SDA pin. The
Slave address selects the part of the X4023x to be
addressed, and specifies if a Read or Write operation
is to be performed.
It should be noted that in order to perform a write oper-
ation to either a DCP or the EEPROM array, the Write
Enable Latch (WEL) bit must first be set (See “BL1,
BL0: Block Lock protection bits - (Nonvolatile)” on
page 18.)
Slave Address Byte
Following a START condition, the master must output
a Slave Address Byte (Refer to Figure 4). This byte
consists of three parts:
—The Device Type Identifier which consists of the most
significant four bits of the Slave Address (SA7 - SA4).
The Device Type Identifier must always be set to 1010
in order to select the X4023x.
—The next three bits (SA3 - SA1) are the Internal Device
Address bits. Setting these bits to 000 internally
selects the EEPROM array, while setting these bits to
111 selects the DCP structures in the X4023x. The CR
Register may be selected using the Internal Device
Address 010.
—The Least Significant Bit of the Slave Address (SA0)
Byte is the R/W bit. This bit defines the operation to be
performed on the device being addressed (as defined
in the bits SA3 - SA1). When the R/W bit is “1”, then a
READ operation is selected. A “0” selects a WRITE
operation (Refer to Figure 4)
Nonvolatile Write Acknowledge Polling
After a nonvolatile write command sequence (for either
the EEPROM array, the Non Volatile Memory of a DCP
(NVM), or the CR Register) has been correctly issued
(including the final STOP condition), the X4023x ini-
tiates an internal high voltage write cycle. This cycle
typically requires 5 ms. During this time, no further
Read or Write commands can be issued to the device.
Write Acknowledge Polling is used to determine when
this high voltage write cycle has been completed.
To perform acknowledge polling, the master issues a
START condition followed by a Slave Address Byte.
The Slave Address issued must contain a valid Inter-
nal Device Address. The LSB of the Slave Address
(R/W) can be set to either 1 or 0 in this case. If the
device is still busy with the high voltage cycle then no
ACKNOWLEDGE will be returned. If the device has
completed the write operation, an ACKNOWLEDGE
will be returned and the host can then proceed with a
read or write operation. (Refer to Figure 5)
DIGITALLY CONTROLLED POTENTIOMETERS
DCP Functionality
The X4023x includes one or two independent resistor
arrays. For the 64, 100 or 256 tap XDCPs, these
arrays respectively contain 63, 99 discrete resistive
segments that are connected in series. (the 256 tap
resistor achieves an equivalent end to end resistance.)
The physical ends of each array are equivalent to the
fixed terminals of a mechanical potentiometer. At one
end of the resistor array the terminal connects to the
RHx pin (x = 0,1,2).The other end of the resistor array
is connected to VSS inside the package.
SA6
SA7
SA5
SA3
SA2
SA1
SA0
DEVICE TYPE
IDENTIFIER
READ /
SA4
Internal Address
(SA3 - SA1)
Internally Addressed
Device
000
EEPROM Array
010
CR Register
111
DCP
Bit SA0
Operation
0WRITE
1
READ
R/W
Figure 4.
Slave Address Format
101
0
WRITE
ADDRESS
INTERNAL
DEVICE
X40231, X40233, X40235, X40237, X40239


Similar Part No. - X40231S169-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40231S16I-A RENESAS-X40231S16I-A Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
X40231S16I-B RENESAS-X40231S16I-B Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
More results

Similar Description - X40231S169-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X40231 RENESAS-X40231 Datasheet
1Mb / 36P
   Integrated System Management IC Triple Voltage Monitors, POR, 2 kbit EEPROM Memory, and Single/Dual DCP
April 11, 2005
logo
Intersil Corporation
X9520 INTERSIL-X9520_06 Datasheet
576Kb / 30P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520 Datasheet
561Kb / 33P
   Triple DCP, POR,2kbit EEPROM Memory, Dual Voltage Monitors
X9520 INTERSIL-X9520_07 Datasheet
465Kb / 29P
   Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9522 INTERSIL-X9522_06 Datasheet
375Kb / 27P
   Triple DCP, Dual Voltage Monitors
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
logo
Intersil Corporation
X9525 INTERSIL-X9525_06 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Xicor Inc.
X9521 XICOR-X9521 Datasheet
434Kb / 26P
   Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9521 INTERSIL-X9521_06 Datasheet
360Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com