Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40430S14-A Datasheet(PDF) 11 Page - Intersil Corporation

Part # X40430S14-A
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40430S14-A Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X40430S14-A Datasheet HTML 7Page - Intersil Corporation X40430S14-A Datasheet HTML 8Page - Intersil Corporation X40430S14-A Datasheet HTML 9Page - Intersil Corporation X40430S14-A Datasheet HTML 10Page - Intersil Corporation X40430S14-A Datasheet HTML 11Page - Intersil Corporation X40430S14-A Datasheet HTML 12Page - Intersil Corporation X40430S14-A Datasheet HTML 13Page - Intersil Corporation X40430S14-A Datasheet HTML 14Page - Intersil Corporation X40430S14-A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
FN8251.0
July 29, 2005
Page Write
The device is capable of a page write operation. It is
initiated in the same manner as the byte write opera-
tion; but instead of terminating the write cycle after the
first data byte is transferred, the master can transmit
an unlimited number of 8-bit bytes. After the receipt of
each byte, the device will respond with an acknowl-
edge, and the address is internally incremented by
one. The page address remains constant. When the
counter reaches the end of the page, it “rolls over” and
goes back to ‘0’ on the same page.
This means that the master can write 16 bytes to the
page starting at any location on that page. If the mas-
ter begins writing at location 10, and loads 12 bytes,
then the first 6 bytes are written to locations 10
through 15, and the last 6 bytes are written to locations
0 through 5. Afterwards, the address counter would
point to location 6 of the page that was just written. If
the master supplies more than 16 bytes of data, then
new data overwrites the previous data, one byte at a
time.
The master terminates the Data Byte loading by issuing
a stop condition, which causes the device to begin the
nonvolatile write cycle. As with the byte write operation,
all inputs are disabled until completion of the internal
write cycle. See Figure 11 for the address, acknowl-
edge, and data transfer sequence.
Stops and Write Modes
Stop conditions that terminate write operations must
be sent by the master after sending at least 1 full data
byte plus the subsequent ACK signal. If a stop is
issued in the middle of a data byte, or before 1 full
data byte plus its associated ACK is sent, then the
device will reset itself without performing the write. The
contents of the array will not be effected.
Acknowledge Polling
The disabling of the inputs during high voltage cycles
can be used to take advantage of the typical 5ms write
cycle time. Once the stop condition is issued to indi-
cate the end of the master’s byte load operation, the
device initiates the internal high voltage cycle.
Acknowledge polling can be initiated immediately. To
do this, the master issues a start condition followed by
the Slave Address Byte for a write or read operation. If
the device is still busy with the high voltage cycle then
no ACK will be returned. If the device has completed
the write operation, an ACK will be returned and the
host can then proceed with the read or write operation.
See Figure 13.
Serial Read Operations
Read operations are initiated in the same manner as
write operations with the exception that the R/W bit of
the Slave Address Byte is set to one. There are three
basic read operations: Current Address Reads, Ran-
dom Reads, and Sequential Reads.
Figure 11. Page Write Operation
Figure 12. Writing 12 bytes to a 16-byte page starting at location 10.
S
t
a
r
t
S
t
o
p
Slave
Address
Byte
Address
Data
(n)
A
C
K
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
0
Data
(1)
A
C
K
(1
≤ n ≤ 16)
10 1 0
0
0
address
address
10
5 Bytes
n-1
7 Bytes
address
= 6
address pointer
ends here
Addr = 7
X40430, X40431, X40434, X40435


Similar Part No. - X40430S14-A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40430S14-A XICOR-X40430S14-A Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430S14-A INTERSIL-X40430S14-A Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
More results

Similar Description - X40430S14-A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com