Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40626S14-4.5A Datasheet(PDF) 10 Page - Intersil Corporation

Part # X40626S14-4.5A
Description  Dual Voltage CPU Supervisor with 64K Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40626S14-4.5A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X40626S14-4.5A Datasheet HTML 6Page - Intersil Corporation X40626S14-4.5A Datasheet HTML 7Page - Intersil Corporation X40626S14-4.5A Datasheet HTML 8Page - Intersil Corporation X40626S14-4.5A Datasheet HTML 9Page - Intersil Corporation X40626S14-4.5A Datasheet HTML 10Page - Intersil Corporation X40626S14-4.5A Datasheet HTML 11Page - Intersil Corporation X40626S14-4.5A Datasheet HTML 12Page - Intersil Corporation X40626S14-4.5A Datasheet HTML 13Page - Intersil Corporation X40626S14-4.5A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
FN8119.0
March 28, 2005
Figure 9. Page Write Operation
Figure 10. Writing 12 bytes to a 64-byte page starting at location 60 (Wrap around).
The master terminates the Data Byte loading by issuing
a stop condition, which causes the device to begin the
nonvolatile write cycle. As with the byte write operation,
all inputs are disabled until completion of the internal
write cycle. See Figure 9 for the address, acknowledge,
and data transfer sequence.
Stops and Write Modes
Stop conditions that terminate write operations must
be sent by the master after sending at least 1 full data
byte plus the subsequent ACK signal. If a stop is
issued in the middle of a data byte, or before 1 full
data byte plus its associated ACK is sent, then the
device will reset itself without performing the write. The
contents of the array will not be effected.
Acknowledge Polling
The disabling of the inputs during nonvolatile cycles
can be used to take advantage of the typical 5mS write
cycle time. Once the stop condition is issued to indi-
cate the end of the master’s byte load operation, the
device initiates the internal nonvolatile cycle. Acknowl-
edge polling can be initiated immediately. To do this,
the master issues a start condition followed by the
Slave Address Byte for a write or read operation. If the
device is still busy with the nonvolatile cycle then no
ACK will be returned. If the device has completed the
write operation, an ACK will be returned and the host
can then proceed with the read or write operation.
Refer to the flow chart in Figure 11.
S
T
A
R
T
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
Data
(0)
(n)
0
S
P
Data
1 0 1 0
(I
≤ n ≤ 63)
Signals from
the Master
SDA Bus
Signals from
the Slave
Slave
Address
Byte 1
Word Address
Byte 0
Word Address
0 S1 S0
address
address
60
4 Bytes
63
8 Bytes
address
= 7
address pointer
ends here
Addr = 8
X40626


Similar Part No. - X40626S14-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40626S14-4.5A XICOR-X40626S14-4.5A Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X40626S14-4.5A RENESAS-X40626S14-4.5A Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
More results

Similar Description - X40626S14-4.5A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
X46402 XICOR-X46402 Datasheet
102Kb / 23P
   Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com