Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X45620 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X45620
Description  Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X45620 Datasheet(HTML) 5 Page - Intersil Corporation

  X45620 Datasheet HTML 1Page - Intersil Corporation X45620 Datasheet HTML 2Page - Intersil Corporation X45620 Datasheet HTML 3Page - Intersil Corporation X45620 Datasheet HTML 4Page - Intersil Corporation X45620 Datasheet HTML 5Page - Intersil Corporation X45620 Datasheet HTML 6Page - Intersil Corporation X45620 Datasheet HTML 7Page - Intersil Corporation X45620 Datasheet HTML 8Page - Intersil Corporation X45620 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN8250.0
July 29, 2005
Notes: (1) The device enters the Active state after any start, and remains active until 9 clock cycles later if the Device Select Bits in the Slave
Address Byte are incorrect; 200ns after a stop ending a read operation; or tWC after a stop ending a write operation.
(2) The device goes into Standby: 200ns after any Stop, except those that initiate a high voltage write cycle; tWC after a stop that initiates a
high voltage cycle; or 9 clock cycles after any start that is not followed by the correct Device Select Bits in the Slave Address Byte.
(3) VIL min. and VIH max. are for reference only and are not tested.
(4) This parameter is guaranteed by characterization.
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
EQUIVALENT A.C. LOAD CIRCUIT AT 5V VCC
A.C. TEST CONDITIONS
VOLR
Output (RESET, LOWLINE, WDO,
V2FAIL) LOW Voltage
0.4
V
IOL = 3.0mA (5V)
IOL = 1.0mA (3V)
Two Wire Interface
VIL
Input (SDA, S0, S1, SCL, WP) LOW
Voltage
-0.5
VCC x 0.3
V
Note 3
VIH
Input (SDA, S0, S1, SCL, WP) HIGH
Voltage
VCC x 0.7
VCC + 0.5
V
Note 3
ILI
Input Leakage Current (SDA, S1, S0,
SCL, WP)
±10
µA
VOLS
Output (SDA) LOW Voltage
0.4
V
IOL = 3.0mA (5V)
IOL = 1.0mA (3V), Note 4
D.C. OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Min
Typ (6)
Max
Symbol
Test
Max
Unit
Conditions
COUT
Output Capacitance (SDA, RESET, V2FAIL, LOWLINE, BATT-ON, WDO)8
pF
VOUT = 0V,
Note 1, 4
CIN
Input Capacitance (SDA, SCL, S0, S1, WP)
6
pF
VIN = 0V,
Note 1, 4
VCC
SDA
30pF
1.53k
VCC
1.53k
30pF
BATT-ON
RESET
4481
V2FAIL
LOWLINE
WDO
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5
X45620


Similar Part No. - X45620

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X45620V20 RENESAS-X45620V20 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X45620V20-2.7 RENESAS-X45620V20-2.7 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X45620V20I RENESAS-X45620V20I Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X45620V20I-2.7 RENESAS-X45620V20I-2.7 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results

Similar Description - X45620

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X55060 RENESAS-X55060 Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com