Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X45620V20I-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X45620V20I-2.7
Description  Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X45620V20I-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X45620V20I-2.7 Datasheet HTML 5Page - Intersil Corporation X45620V20I-2.7 Datasheet HTML 6Page - Intersil Corporation X45620V20I-2.7 Datasheet HTML 7Page - Intersil Corporation X45620V20I-2.7 Datasheet HTML 8Page - Intersil Corporation X45620V20I-2.7 Datasheet HTML 9Page - Intersil Corporation X45620V20I-2.7 Datasheet HTML 10Page - Intersil Corporation X45620V20I-2.7 Datasheet HTML 11Page - Intersil Corporation X45620V20I-2.7 Datasheet HTML 12Page - Intersil Corporation X45620V20I-2.7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FN8250.0
July 29, 2005
RESET Output Timing
Notes: (9) This measurement is from 10% to 90% of the supply voltage.
WDT Restart Timing
Minimum WDT Restart Timing
Symbol
Parameter
Min
Typ (6)
Max
Unit
Test Conditions
tPURST
RESET Time Out Period
PUP = 0
PUP = 1
75
400
150
600
250
800
ms
Note 4
tRPD
VTRIP1 to RESET (Power-down only), VTRIP1 to
LOWLINE
10
20
µs
Note 4
tRPD2
VTRIP2 to V2FAIL
10
20
µs
Note 4
tLR
LOWLINE to RESET delay (Power-down only)
100
200
300
ns
Note 4
tF
VCC/V2MON Fall Time
1000
µs
Note 4, 9
tR
VCC/V2MON Rise Time
1000
µs
Note 4, 9
VRVALID
Reset Valid VCC
1V
tVB1
VBATT + 0.03 V to BATT-ON (logical 0)
20
µs
Note 4
tVB2
VBATT – 0.03 V to BATT-ON (logical 1)
20
µs
Note 4
tHD:STA
<tWDO
tWDO
tWDO
tRST
SCL
SDA
WDO
tHD:STA
WDT Restart
tSU:STO
WDT Restart
tLOW
tHIGH
SCL
SDA
tHIGH
X45620


Similar Part No. - X45620V20I-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X45620V20I-2.7 RENESAS-X45620V20I-2.7 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
More results

Similar Description - X45620V20I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X55060 INTERSIL-X55060 Datasheet
375Kb / 23P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
X55060 RENESAS-X55060 Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com