Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40430V14-B Datasheet(PDF) 2 Page - Intersil Corporation

Part # X40430V14-B
Description  Triple Voltage Monitor with Integrated CPU Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X40430V14-B Datasheet(HTML) 2 Page - Intersil Corporation

  X40430V14-B Datasheet HTML 1Page - Intersil Corporation X40430V14-B Datasheet HTML 2Page - Intersil Corporation X40430V14-B Datasheet HTML 3Page - Intersil Corporation X40430V14-B Datasheet HTML 4Page - Intersil Corporation X40430V14-B Datasheet HTML 5Page - Intersil Corporation X40430V14-B Datasheet HTML 6Page - Intersil Corporation X40430V14-B Datasheet HTML 7Page - Intersil Corporation X40430V14-B Datasheet HTML 8Page - Intersil Corporation X40430V14-B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
FN8251.0
July 29, 2005
BLOCK DIAGRAM
*Voltage monitor requires Vcc to operate. Others are independent of Vcc.
PIN CONFIGURATION
V3FAIL
V2FAIL
WDO
MR
LOWLINE
RESET
RESET
X40430/34
X40431/35
V3 Monitor
Logic
V2 Monitor
Logic
Fault Detection
Register
Status
Register
EEPROM
Array
Data
Register
Command
Decode Test
& Control
Logic
Power-on,
Manual Reset
Low Voltage
Reset
Generation
VCC Monitor
Logic
V3MON
V2MON
SDA
WP
SCL
VCC
(V1MON)
+
-
+
-
Watchdog
and
Reset Logic
VTRIP3
+
-
VTRIP2
VTRIP1
*X40430, X40431=
VCC or
V2MON*
V2MON
X40434, X40435 =VCC
Device
Expected System
Voltages
Vtrip1(V)
Vtrip2(V)
Vtrip3(V)
POR
(system)
X40430, X40431
-A
-B
-C
5V; 3V or 3.3V; 1.8V
5V; 3V; 1.8V
3.3V; 2.5V; 1.8V
2.0–4.75*
4.55–4.65*
4.35–4.45*
2.95–3.05*
1.70–4.75
2.85–2.95
2.55–2.65
2.15–2.25
1.70–4.75
1.65–1.75
1.65–1.75
1.65–1.75
RESET = X40430
RESET = X40431
X40434, X40435
-A
-B
-C
5V; 3.3V; 1.5V
5V; 3V or 3.3V; 1.5V
5V; 3 or 3.3V; 1.2V
2.0–4.75*
4.55–4.65*
4.55–4.65*
4.55–4.65*
0.90–3.50*
1.25–1.35*
1.25–1.35*
0.95–1.05*
1.70–4.75
3.05–3.15
2.85–2.95
2.85–2.95
RESET = X40434
RESET = X40435
V3MON
VSS
VCC
SDA
SCL
3
2
4
1
12
13
11
14
LOWLINE
NC
RESET
7
6
5
8
9
10
V2MON
MR
WP
3
2
4
1
12
13
11
14
7
6
5
8
9
10
V3FAIL
WDO
V2FAIL
V3MON
VCC
SDA
SCL
WP
V3FAIL
WDO
VSS
LOWLINE
NC
RESET
V2MON
MR
V2FAIL
X40430, X40434
X40431, X40435
14-Pin SOIC, TSSOP
14-Pin SOIC, TSSOP
PIN DESCRIPTION
Pin
Name
Function
1V2FAIL
V2 Voltage Fail Output. This open drain output goes LOW when V2MON is less than VTRIP2 and goes
HIGH when V2MON exceeds VTRIP2. There is no power-up reset delay circuitry on this pin.
2V2MON
V2 Voltage Monitor Input. When the V2MON input is less than the VTRIP2 voltage, V2FAIL goes LOW.
This input can monitor an unregulated power supply with an external resistor divider or can monitor a
second power supply with no external components. Connect V2MON to VSS or VCC when not used. The
V2MON comparator is supplied by V2MON (X40430, X40431) or by the VCC input (X40434, X40435).
3LOWLINE Early Low VCC Detect. This CMOS output signal goes LOW when VCC < VTRIP1 and goes high when
VCC > VTRIP1.
4NC
No connect.
X40430, X40431, X40434, X40435


Similar Part No. - X40430V14-B

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40430V14-B XICOR-X40430V14-B Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430V14-B INTERSIL-X40430V14-B Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430V14-B RENESAS-X40430V14-B Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
More results

Similar Description - X40430V14-B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
   Triple Voltage Monitor with Integrated CPU Supervisor
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
   4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
   4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
   Triple Voltage Monitor with Intergrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com