Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X55060V20I-4.5 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X55060V20I-4.5
Description  Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X55060V20I-4.5 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X55060V20I-4.5 Datasheet HTML 7Page - Intersil Corporation X55060V20I-4.5 Datasheet HTML 8Page - Intersil Corporation X55060V20I-4.5 Datasheet HTML 9Page - Intersil Corporation X55060V20I-4.5 Datasheet HTML 10Page - Intersil Corporation X55060V20I-4.5 Datasheet HTML 11Page - Intersil Corporation X55060V20I-4.5 Datasheet HTML 12Page - Intersil Corporation X55060V20I-4.5 Datasheet HTML 13Page - Intersil Corporation X55060V20I-4.5 Datasheet HTML 14Page - Intersil Corporation X55060V20I-4.5 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
FN8133.0
March 28, 2005
When WP is HIGH, all functions, including nonvolatile
writes to the Status Register operate normally. Setting
the WPEN bit in the Status Register to “0” blocks the
WP pin function, allowing writes to the Status Register
when WP is HIGH or LOW. Setting the WPEN bit to
“1” while the WP pin is LOW activates the Programma-
ble ROM mode, thus requiring a change in the WP pin
prior to subsequent Status Register changes. This
allows manufacturing to install the device in a system
with WP pin grounded and still be able to program the
Status Register. Manufacturing can then load Configu-
ration data, manufacturing time and other parameters
into the EEPROM, then set the portion of memory to
be protected by setting the block lock bits, and finally
set the “OTP mode” by setting the WPEN bit. Data
changes to protected areas of the device now require
a hardware change.
Read Sequence
When reading from the EEPROM memory array, CS is
first pulled low to select the device. The 8-bit READ
instruction is transmitted to the device, followed by the
16-bit address. After the READ opcode and address
are sent, the data stored in the memory at the selected
address is shifted out on the SO line. The data stored in
memory at the next address can be read sequentially
by continuing to provide clock pulses. The address is
automatically incremented to the next higher address
after each byte of data is shifted out. The read operation
is terminated by taking CS high. Refer to the Read
EEPROM Array Sequence (Figure 7).
To read the Status Register, the CS line is first pulled
low to select the device followed by the 8-bit RDSR
instruction. After the RDSR opcode is sent, the contents
of the Status Register are shifted out on the SO line.
Refer to the Read Status Register Sequence (Figure 8).
Refer to the Serial Output Timing on page 18.
Write Sequence
Prior to any attempt to write data into the device, the
“Write Enable” Latch (WEL) must first be set by issu-
ing the WREN instruction (Figure 9). CS is first taken
LOW, then the WREN instruction is clocked into the
device. After all eight bits of the instruction are trans-
mitted, CS must then be taken HIGH. If the user con-
tinues the Write Operation without taking CS HIGH
after issuing the WREN instruction, the Write Opera-
tion will be ignored.
To write data to the EEPROM memory array, the user
then issues the WRITE instruction followed by the 16
bit address and then the data to be written. Any
unused address bits are specified to be “0’s”. The
WRITE operation minimally takes 32 clocks. CS must
go low and remain low for the duration of the opera-
tion. If the address counter reaches the end of a page
and the clock continues, the counter will roll back to
the first address of the page and overwrite any data
that may have been previously written.
For the Page Write Operation (byte or page write) to
be completed, CS can only be brought HIGH after bit 0
of the last data byte to be written is clocked in. If it is
brought HIGH at any other time, the write operation
will not be completed (Figure 10).
To write to the Status Register, the WRSR instruction
is followed by the data to be written (Figure 11).
While the write is in progress following a Status Regis-
ter or EEPROM Sequence, the Status Register may
be read to check the WIP bit. During this time the WIP
bit will be high. Refer to Serial Input timing on page 17.
OPERATIONAL NOTES
The device powers-up in the following state:
– The device is in the low power standby state.
– A HIGH to LOW transition on CS is required to enter
an active state and receive an instruction.
– SO pin is high impedance.
– The Write Enable Latch is reset.
– Reset Signal is active for tPURST.
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
– A WREN instruction must be issued to set the Write
Enable Latch.
– A valid write command and address must be sent to
the device.
–CS must come HIGH after a multiple of 8 data bits in
order to start a nonvolatile write cycle.
X55060


Similar Part No. - X55060V20I-4.5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X55060V20I-4.5 RENESAS-X55060V20I-4.5 Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X55060V20I-4.5A RENESAS-X55060V20I-4.5A Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
More results

Similar Description - X55060V20I-4.5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X45620 RENESAS-X45620 Datasheet
796Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
July 29, 2005
logo
Intersil Corporation
X45620 INTERSIL-X45620 Datasheet
370Kb / 20P
   Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
logo
Renesas Technology Corp
X55060 RENESAS-X55060 Datasheet
863Kb / 23P
   64K Dual Voltage Monitor with Integrated System Battery Switch and EEPROM
March 28, 2005
X40420 RENESAS-X40420 Datasheet
985Kb / 25P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
logo
Xicor Inc.
X40420 XICOR-X40420 Datasheet
156Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40420 INTERSIL-X40420 Datasheet
384Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
X40020 INTERSIL-X40020_06 Datasheet
356Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Renesas Technology Corp
X40020 RENESAS-X40020 Datasheet
928Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com