Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X60003CIG3-50 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X60003CIG3-50
Description  Precision 5.0V SOT-23 FGA Voltage Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60003CIG3-50 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X60003CIG3-50 Datasheet HTML 6Page - Intersil Corporation X60003CIG3-50 Datasheet HTML 7Page - Intersil Corporation X60003CIG3-50 Datasheet HTML 8Page - Intersil Corporation X60003CIG3-50 Datasheet HTML 9Page - Intersil Corporation X60003CIG3-50 Datasheet HTML 10Page - Intersil Corporation X60003CIG3-50 Datasheet HTML 11Page - Intersil Corporation X60003CIG3-50 Datasheet HTML 12Page - Intersil Corporation X60003CIG3-50 Datasheet HTML 13Page - Intersil Corporation X60003CIG3-50 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN8137.0
March 15, 2005
load capacitances above .001µF the noise reduction
network shown in fig. 3 is recommended. This network
reduces noise sig-nificantly over the full bandwidth. As
shown in fig. 2, noise is reduced to less than 40µVp-p
from 1Hz to 1MHz using this network with a .01µF
capacitor and a 2k
Ω resistor in series with a 10µF
capacitor.
Figure 2.
Figure 3.
Turn-On Time
The X60003x-50 device has ultra-low supply current
and thus the time to bias up internal circuitry to final
values will be longer than with higher power refer-
ences. Normal turn-on time is typically 7ms. This is
shown in the graph, Figure 4. Since devices can vary
in supply current down to 300nA, turn-on time can last
up to about 12ms. Care should be taken in system
design to include this delay before measurements or
conversions are started.
Figure 4.
Temperature Coefficient
The limits stated for temperature coefficient (tempco)
are governed by the method of measurement. The
overwhelming standard for specifying the temperature
drift of a reference is to measure the reference voltage
at two temperatures, take the total variation, (VHIGH -
VLOW), and divide by the temperature extremes of
measurement (THIGH - TLOW). The result is divided
by the nominal reference voltage (at T = 25°C) and
multiplied by 106 to yield ppm/°C. This is the “Box”
method for determining temperature coefficient.
CL = 0
CL = .001µF
CL = .1µF
CL = .01µF & 10µF + 2k
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
100000
X60003x-50 NOISE REDUCTION
VIN = 6.5V
VIN
VO
GND
X60003x-50
.01µF
10µF
2k
.1µF
10µF
X60003 TURN-ON TIME (25
°C)
(3 Representative Units)
0
1
2
3
4
5
6
7
02
4
6
8
10
12
TIME (mSec)
IIN = 350nA
IIN = 500nA
IIN = 700nA
X60003B-50, X60003C-50, X60003D-50


Similar Part No. - X60003CIG3-50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003CIG3-50T1 INTERSIL-X60003CIG3-50T1 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
More results

Similar Description - X60003CIG3-50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
logo
Renesas Technology Corp
X60003 RENESAS-X60003 Datasheet
918Kb / 17P
   Precision SOT-23 FGA??Voltage References
logo
Intersil Corporation
X60003B-41 INTERSIL-X60003B-41 Datasheet
233Kb / 11P
   Precision 4.096V SOT-23 FGA Voltage References
X60003 INTERSIL-X60003 Datasheet
631Kb / 16P
   Precision SOT-23 FGA™ Voltage References
September 1, 2015
X60003B-41 INTERSIL-X60003B-41_06 Datasheet
210Kb / 11P
   Precision 4.096V SOT-23 FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com