Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X60008A-50 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X60008A-50
Description  1ppm/C, 5.0V, Precision Low-Power FGA Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X60008A-50 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X60008A-50 Datasheet HTML 3Page - Intersil Corporation X60008A-50 Datasheet HTML 4Page - Intersil Corporation X60008A-50 Datasheet HTML 5Page - Intersil Corporation X60008A-50 Datasheet HTML 6Page - Intersil Corporation X60008A-50 Datasheet HTML 7Page - Intersil Corporation X60008A-50 Datasheet HTML 8Page - Intersil Corporation X60008A-50 Datasheet HTML 9Page - Intersil Corporation X60008A-50 Datasheet HTML 10Page - Intersil Corporation X60008A-50 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN8139.0
March 15, 2005
TYPICAL APPLICATION CIRCUITS
Precision 5V, 50mA Reference.
VIN = 6V-9V
2N2905
5.0V/50mA
0.001µF
VIN
VOUT
GND
X60008-50
±5.0V Dual Output, High Accuracy Reference
VIN
VOUT
GND
GND
VIN
VOUT
X60008-50
X60008-50
0.1µF
0.001µF
5.0V
0.001µF
R1
+5.5 to 9.0V
VIN = -5.5V to -9.0V
-5.0V
5.0V - | VIN|
R1 =
-(IOUT)
; IO UT ≤ 10mA
Kelvin Sensed Load
0.1µF
5.5V to 9.0V
VIN
VOUT
GND
X60008-50
VOUT Sense
Load
R = 200
+
10µF
10µF
X60008A-50


Similar Part No. - X60008A-50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
X60008B-25 INTERSIL-X60008B-25_06 Datasheet
298Kb / 10P
   Precision 2.5V FGA??Voltage Reference
X60008B-41 INTERSIL-X60008B-41 Datasheet
328Kb / 14P
   Precison 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
More results

Similar Description - X60008A-50

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
   Precision 5.0V SOT-23 FGA??Voltage Reference
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
   Precision 5.0V SOT-23 FGA Voltage Reference
X60008E-41 INTERSIL-X60008E-41 Datasheet
265Kb / 10P
   Precision 4.096V FGA Voltage Reference
X60008B-41 INTERSIL-X60008B-41_06 Datasheet
333Kb / 14P
   Precision 4.096V FGA??Voltage Reference
X60008B-25 INTERSIL-X60008B-25 Datasheet
303Kb / 10P
   Precision 2.5V FGA Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com