Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33680FTB Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC33680FTB
Description  Dual DC-DC Regulator for Electronic Organizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33680FTB Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC33680FTB Datasheet HTML 3Page - ON Semiconductor MC33680FTB Datasheet HTML 4Page - ON Semiconductor MC33680FTB Datasheet HTML 5Page - ON Semiconductor MC33680FTB Datasheet HTML 6Page - ON Semiconductor MC33680FTB Datasheet HTML 7Page - ON Semiconductor MC33680FTB Datasheet HTML 8Page - ON Semiconductor MC33680FTB Datasheet HTML 9Page - ON Semiconductor MC33680FTB Datasheet HTML 10Page - ON Semiconductor MC33680FTB Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC33680
http://onsemi.com
7
1
80%
1
80%
VIN, INPUT VOLTAGE (V)
IOUT_AUX, AUX OUTPUT CURRENT (mA)
Figure 8. Efficiency of VAUX versus Output
Current (VAUX = 20 V, L2 = 33 uH, Various VIN)
Figure 9. Efficiency of VAUX versus Input
Voltage (VAUX = 20 V, L2 = 33 uH, Various IOUT)
75%
70%
65%
60%
55%
50%
3
5
7
11
13
15
75%
70%
65%
60%
55%
50%
1.5
2
2.5
3
1
85%
1
65%
VIN, INPUT VOLTAGE (V)
Figure 10. Efficiency of VAUX versus Output
Current (VAUX = 5 V, L2 = 82 uH, Various VIN)
IOUT_AUX, AUX OUTPUT CURRENT (mA)
Figure 11. Efficiency of VAUX versus Input
Voltage (VAUX = 5 V, L2 = 82 uH, Various IOUT)
85%
50%
45%
40%
5
1015
3035
75%
80%
50%
2
2.5
3
20
25
60%
55%
70%
80%
75%
70%
65%
1.5
9
Vin = 3V
Vin = 1.8V
Vin = 1.5V
Vin = 1V
Iout = 1mA
Iout = 5mA
Iout = 10mA
Iout = 15mA
Vin = 3V
Vin = 2.4V
Vin = 1.8V
Vin = 1.5V
Vin = 1V
Iout = 1V
Iout = 5V
Iout = 10V
Iout = 15V
Iout = 25V


Similar Part No. - MC33680FTB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33680FTB ONSEMI-MC33680FTB Datasheet
438Kb / 14P
   Dual DC?묭C Regulator for Electronic Organizer
July, 2006 ??Rev. 4
MC33680FTBR2 ONSEMI-MC33680FTBR2 Datasheet
438Kb / 14P
   Dual DC?묭C Regulator for Electronic Organizer
July, 2006 ??Rev. 4
More results

Similar Description - MC33680FTB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33680 ONSEMI-MC33680_06 Datasheet
438Kb / 14P
   Dual DC?묭C Regulator for Electronic Organizer
July, 2006 ??Rev. 4
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230 Datasheet
1Mb / 18P
   Dual Synchronous DC/DC Regulator
logo
Rohm
BA9700A ROHM-BA9700A Datasheet
141Kb / 7P
   Switching regulator for DC / DC Converters
logo
Linear Technology
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
   Dual, 26VIN, 4A DC/DC Module Regulator
logo
Freescale Semiconductor...
MC34710 FREESCALE-MC34710 Datasheet
459Kb / 18P
   Dual Output DC-DC & Linear Regulator IC
33710 FREESCALE-33710 Datasheet
1Mb / 17P
   Dual Output DC-DC & Linear Regulator IC
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com