Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9317ZV8Z-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9317ZV8Z-2.7
Description  Low Noise, Low Power, 100 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317ZV8Z-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9317ZV8Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9317ZV8Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN8183.1
September 9, 2005
X9317UM8-2.7*
AED
50
0 to 70
8 Ld MSOP
X9317UM8Z-2.7* (Note)
AOB
0 to 70
8 Ld MSOP (Pb-free)
X9317UM8I-2.7*
AFF
-40 to 85
8 Ld MSOP
X9317UM8IZ-2.7* (Note)
AOH
-40 to 85
8 Ld MSOP (Pb-free)
X9317UP-2.7
X9317UP F
0 to 70
8 Ld PDIP
X9317UPI-2.7
X9317UP G
-40 to 85
8 Ld PDIP
X9317US8-2.7*
X9317U F
0 to 70
8 Ld SOIC
X9317US8Z-2.7* (Note)
X9317U Z F
0 to 70
8 Ld SOIC (Pb-free)
X9317US8I-2.7*
X9317U G
-40 to 85
8 Ld SOIC
X9317US8IZ-2.7* (Note)
X9317U Z G
-40 to 85
8 Ld SOIC (Pb-free)
X9317UV8-2.7*
9317UF
0 to 70
8 Ld TSSOP
X9317UV8Z-2.7* (Note)
9317UF Z
0 to 70
8 Ld TSSOP (Pb-free)
X9317UV8I-2.7*
9317UG
-40 to 85
8 Ld TSSOP
X9317UV8IZ-2.7* (Note)
9317UG Z
-40 to 85
8 Ld TSSOP (Pb-free)
X9317TM8-2.7*
AGE
100
0 to 70
8 Ld MSOP
X9317TM8Z-2.7* (Note)
DCP
0 to 70
8 Ld MSOP (Pb-free)
X9317TM8I-2.7*
AGG
-40 to 85
8 Ld MSOP
X9317TM8IZ-2.7* (Note)
DCM
-40 to 85
8 Ld MSOP (Pb-free)
X9317TP-2.7
0 to 70
8 Ld PDIP
X9317TPI-2.7
X9317TP G
-40 to 85
8 Ld PDIP
X9317TS8-2.7*
0 to 70
8 Ld SOIC
X9317TS8Z-2.7* (Note)
X9317T Z F
0 to 70
8 Ld SOIC (Pb-free)
X9317TS8I-2.7*
X9317T G
-40 to 85
8 Ld SOIC
X9317TS8IZ-2.7* (Note)
X9317T Z G
-40 to 85
8 Ld SOIC (Pb-free)
X9317TV8-2.7*
0 to 70
8 Ld TSSOP
X9317TV8Z-2.7* (Note)
9317TF Z
0 to 70
8 Ld TSSOP (Pb-free)
X9317TV8I-2.7*
317TG
-40 to 85
8 Ld TSSOP
X9317TV8IZ-2.7* (Note)
9317TG Z
-40 to 85
8 Ld TSSOP (Pb-free)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
*Add "T1" suffix for tape and reel.
Ordering Information (Continued)
PART NUMBER
PART MARKING
VCC LIMITS (V)
RTOTAL (kΩ)
TEMPERATURE
RANGE (°C)
PACKAGE
X9317


Similar Part No. - X9317ZV8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317ZV8Z-2.7 INTERSIL-X9317ZV8Z-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317ZV8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
X9315 INTERSIL-X9315 Datasheet
338Kb / 14P
   Low Noise, Low Power, 32 Taps
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com