Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X80001Q32I Datasheet(PDF) 4 Page - Intersil Corporation

Part # X80001Q32I
Description  Smart Power Plug Penta-Power Sequence Controller with Hot Swap
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X80001Q32I Datasheet(HTML) 4 Page - Intersil Corporation

  X80001Q32I Datasheet HTML 1Page - Intersil Corporation X80001Q32I Datasheet HTML 2Page - Intersil Corporation X80001Q32I Datasheet HTML 3Page - Intersil Corporation X80001Q32I Datasheet HTML 4Page - Intersil Corporation X80001Q32I Datasheet HTML 5Page - Intersil Corporation X80001Q32I Datasheet HTML 6Page - Intersil Corporation X80001Q32I Datasheet HTML 7Page - Intersil Corporation X80001Q32I Datasheet HTML 8Page - Intersil Corporation X80001Q32I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
FN8148.0
March 18, 2005
VOL
Output LOW Voltage
(RESET, V1GOOD, V2GOOD, V3GOOD,
V4GOOD, FAR, PWRGD)
IOL = 4.0mA
VEE + 0.4
V
COUT
(Note 1)
Output Capacitance
(RESET, V1GOOD, V2GOOD, V3GOOD,
V4GOOD, FAR)
VOUT = 0V
8
pF
CIN (Note 1) Input Capacitance (MRH, MRC)
VIN = 0V
6
pF
VOC
Overcurrent threshold
VOC = VSENSE - VEE
45
50
55
mV
VOCI
Overcurrent threshold (Insertion)
VOC = VSENSE - VEE
PWRGD = HIGH
Initial Power Up condition
135
150
165
mV
VOVR
Overvoltage threshold (rising)
X80000 Referenced to VEE
3.85
3.90
3.95
V
X80001
3.49
3.54
3.59
V
VOVF
Overvoltage threshold (falling)
X80000 Referenced to VEE
3.82
3.87
3.92
V
X80001
3.46
3.51
3.56
V
VUV1R
Undervoltage 1 threshold (rising)
Referenced to VEE
BATT-ON = VEE
2.19
2.24
2.29
V
VUV1F
Undervoltage 1 threshold (falling)
2.16
2.21
2.26
V
VUV2R
Undervoltage 2 threshold (rising)
Referenced to VEE
BATT-ON = VRGO
1.71
1.76
1.81
V
VUV2F
Undervoltage 2 threshold (falling)
1.68
1.73
1.78
V
VDRAINF
Drain sense voltage threshold (falling)
Referenced to VEE
0.9
1
1.1
V
VDRAINR
Drain sense voltage threshold (rising)
Referenced to VEE
1.2
1.3
1.4
V
VTRIP1
(Note 1)
EN1 Trip Point Voltage
Referenced to VEE
VRGO ÷ 2
V
VTRIP2
(Note 1)
EN2 Trip Point Voltage
Referenced to VEE
V
VTRIP3
(Note 1)
EN3 Trip Point Voltage
Referenced to VEE
V
VTRIP4
(Note 1)
EN4 Trip Point Voltage
Referenced to VEE
V
AC CHARACTERISTICS
tFOC
Sense High to Gate Low
1.5
2.5
3.5
µs
tFUV
Under Voltage conditions to Gate Low
0.5
1
1.5
µs
tFOV
Overvoltage Conditions to Gate Low
1.0
1.5
2
µs
tVFR
Overvoltage/undervoltage failure recovery time to
Gate =1V.
VDD does not drop below 3V, No
other failure conditions.
1.2
1.6
2
µs
tBATT_ON Delay BATT_ON Valid
100
ns
tMRC
Minimum time high for reset valid on the MRC pin
5
µs
tMRH
Minimum time high for reset valid on the MRH pin
5
µs
tMRCE
Delay from MRC enable to PWRGD HIGH
No Load
1.0
1.6
µs
tMRCD
Delay from MRC disable to PWRGD LOW
Gate is On, No Load
200
400
ns
tMRHE
Delay from MRH enable to Gate Pin LOW
IGATE = 60µA, No Load
1.0
1.6
2.4
µs
Electrical Specifications
Standard Settings
Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
X80000, X80001


Similar Part No. - X80001Q32I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80001 RENESAS-X80001 Datasheet
1Mb / 37P
   Smart Power Plug™ Penta-Power Sequence Controller with Hot Swap
March 18, 2005
More results

Similar Description - X80001Q32I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X80000 RENESAS-X80000 Datasheet
1Mb / 37P
   Smart Power Plug™ Penta-Power Sequence Controller with Hot Swap
March 18, 2005
X80010 RENESAS-X80010 Datasheet
1Mb / 25P
   Penta-Power Sequence Controller with Hot swap and System Management
January 13, 2005
logo
Intersil Corporation
X80010 INTERSIL-X80010 Datasheet
548Kb / 25P
   Penta-Power Sequence Controller with Hot swap and System Management
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
   Hot-Swap PCI Power Controller
logo
Linear Technology
LTC4212 LINER-LTC4212 Datasheet
230Kb / 24P
   Hot Swap Controller with Power-Up Timeout
logo
Summit Microelectronics...
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A Datasheet
252Kb / 21P
   Hot-Swap PCI Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com